Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 61Page - Exar Corporation XRT75VL00D Datasheet HTML 62Page - Exar Corporation XRT75VL00D Datasheet HTML 63Page - Exar Corporation XRT75VL00D Datasheet HTML 64Page - Exar Corporation XRT75VL00D Datasheet HTML 65Page - Exar Corporation XRT75VL00D Datasheet HTML 66Page - Exar Corporation XRT75VL00D Datasheet HTML 67Page - Exar Corporation XRT75VL00D Datasheet HTML 68Page - Exar Corporation XRT75VL00D Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
60
What does this mean at the Destination PTE?
In this case, this DS3 signal (which has now been mapped into an STS-1 data-stream) will be transported
across the SONET network. As this STS-1 signal arrives at the "Destination" PTE, this PTE will extract (or de-
map) this DS3 data from each incoming STS-1 SPE. Now, in this case, most (e.g., 177/178.8) of the incoming
STS-1 SPEs will contain 5592 DS3 data-bits. Therefore, the nominal data rate of the DS3 signal being de-
mapped from SONET will be 44.736Mbps. However, in approximately 1 out of every 178 incoming STS-1
SPEs, the SPE will carry only 5591 DS3 data bits. This means that (during these times) the data rate of the de-
mapped DS3 signal will have an instantaneous frequency that is less than 44.736Mbps. These "excursions" of
the de-mapped DS3 data-rate, from the nominal DS3 frequency can be viewed as occurrences of mapping/de-
mapping jitter with an amplitude of approximately 1UI-pp.
Since this occurrence of "de-mapping" jitter is periodic and occurs once every 22.35ms, we can state that this
jitter has a frequency of 44.7Hz.
We talked about De-Mapping Jitter, What about De-Mapping Wander?
The Telcordia and Bellcore specifications define "Wander" as "Jitter with a frequency of less than 10Hz".
Based upon this definition, the DS3 signal (that is being transported by SONET) will cease to contain jitter and
will now contain "Wander", whenever the frequency offset of the DS3 signal being mapped into SONET is less
than 0.2ppm.
9.3
Jitter/Wander due to Pointer Adjustments
In the previous section, we described how a DS3 signal is asynchronously-mapped into SONET, and we also
defined "Mapping/De-mapping" jitter. In this section, we will describe how occurrences within the SONET
network will induce jitter/wander within the DS3 signal that is being transported across the SONET network.
In order to accomplish this, we will discuss the following topics in detail.
• The concept of an STS-1 SPE pointer
• The concept of Pointer Adjustments
• The causes of Pointer Adjustments
• How Pointer Adjustments induce jitter/wander within a DS3 signal being transported by that SONET network.
9.3.1
The Concept of an STS-1 SPE Pointer
As mentioned earlier, the STS-1 SPE is not aligned to the STS-1 frame boundaries and is permitted to "float"
within the Envelope Capacity.
As a consequence, the STS-1 SPE will often times "straddle" across two
FIGURE 40. AN ILLUSTRATION OF THE STS-1 SPE TRAFFIC THAT WILL BE GENERATED BY THE SOURCE PTE, WHEN
MAPPING A
DS3 SIGNAL THAT HAS A BIT RATE OF 44.736MBPS - 1PPM, INTO AN STS-1 SIGNAL
Source
PTE
Source
PTE
44.736Mbps - 1ppm
5592
DS3 Data
Bits
5592
DS3 Data
Bits
5592
DS3 Data
Bits
5592
DS3 Data
Bits
SPE # N
SPE # N+1
5592
DS3 Data
Bits
5592
DS3 Data
Bits
SPE # N+177
5591
DS3 Data
Bits
5591
DS3 Data
Bits
5592
DS3 Data
Bits
5592
DS3 Data
Bits
SPE # N+178
SPE # N+179
DS3 Data
Bit Excluded Here
STS-1 SPE Data Stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com