Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation XRT75VL00D Datasheet HTML 88Page - Exar Corporation XRT75VL00D Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
80
Our simulation results indicate that Jitter Attenuator PLL (within the LIU LIU IC) will have no problem handling
and processing the "Data-Signal" and "Clock-Signal" from a Mapper IC/ASIC if no pre-processing has been
performed on these signals. In order words, our simulation results indicate that the Jitter Attenuator PLL
(within the LIU IC) will have no problem handling the "worst-case" of 59 consecutive bits of no clock pulses in
the "Clock-Signal (due to the Mapper IC processing the TOH bytes, an Incrementing Pointer-Adjustment-
induced "stuffed-byte", the POH byte, and the two fixed-stuff bytes within the STS-1 SPE, etc), immediately
followed be processing clusters of DS3 data-bits (as shown in Figure 37) and still comply with the "Category I
Intrinsic Jitter Requirements per Telcordia GR-253-CORE for DS3 applications.
NOTE: If this sort of "pre-processing" is already supported by the Mapper device that you are using, then no further action
is required by the user.
9.8.2.2
OUR PRE-PROCESSING RECOMMENDATIONS
For the time-being, we recommend that the customer implement the "pre-processing" of the DS3 "Data-Signal"
and "Clock-Signal" as described below. Currently we are aware that some of the Mapper products on the
Market do implement this exact "pre-processing" algorithm. However, if the customer is implementing their
Mapper Design in an ASIC or FPGA solution, then we strongly recommend that the user implement the
necessary logic design to realize the following recommendations.
Some time ago, we spent some time, studying (and then later testing our solution with) the PM5342 OC-3 to
DS3 Mapper IC from PMC-Sierra. In particular, we wanted to understand the type of "DS3 Clock" and "Data"
signal that this DS3 to OC-3 Mapper IC outputs.
During this effort, we learned the following.
1.
This "DS3 Clock" and "Data" signal, which is output from the Mapper IC consists of two major "repeating"
patterns (which we will refer to as "MAJOR PATTERN A" and "MAJOR PATTERN B". The behavior of
each of these patterns is presented below.
MAJOR PATTERN A
MAJOR PATTERN A consists of two "sub" or minor-patterns, (which we will refer to as "MINOR PATTERN P1
and P2).
MINOR PATTERN P1 consists of a string of seven (7) clock pulses, followed by a single gap (no clock pulse).
An illustration of MINOR PATTERN P1 is presented below in Figure 58.
It should be noted that each of these clock pulses has a period of approximately 19.3ns (or has an
"instantaneously frequency of 51.84MHz).
MINOR Pattern P2 consists of string of five (5) clock pulses, which is also followed by a single gap (no clock
pulse). An illustration of Pattern P2 is presented below in Figure 59.
FIGURE 58. ILLUSTRATION OF MINOR PATTERN P1
1
2
3
4
5
6
7
Missing Clock Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com