Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 7Page - Exar Corporation XRT83SL34IV Datasheet HTML 8Page - Exar Corporation XRT83SL34IV Datasheet HTML 9Page - Exar Corporation XRT83SL34IV Datasheet HTML 10Page - Exar Corporation XRT83SL34IV Datasheet HTML 11Page - Exar Corporation XRT83SL34IV Datasheet HTML 12Page - Exar Corporation XRT83SL34IV Datasheet HTML 13Page - Exar Corporation XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
8
MICROPROCESSOR INTERFACE
SIGNAL NAME
PIN #TYPE
DESCRIPTION
HW_HOST
68
I
Mode Control Input
This pin selects Hardware or Host mode. Leave this pin unconnected or tie
“High” to select Hardware mode.
For Host mode, this pin must be tied “Low”.
NOTE: Internally pulled “High” with a 50k
Ω resistor.
WR_R/W
TAOS_0
69
69
I
Write Input (Read/Write) - Host mode
Intel bus timing: A “Low” pulse on WR selects a write operation when CS
pin is “Low”.
Motorola bus timing: A “High” pulse on R/W selects a read operation and a
“Low” pulse on R/W selects a write operation when CS is “Low”.
Transmit All “Ones” Channel_0 - Hardware Mode
See “Transmit All Ones for Channel _0 - Hardware mode” on page 7.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
RD_DS
TAOS_1
70
70
I
Read Input (Data Strobe) - Host Mode
Intel bus timing: A “Low” pulse on RD selects a read operation when the CS
pin is “Low”.
Motorola bus timing: A “Low” pulse on DS indicates a read or write opera-
tion when the CS pin is “Low”.
Transmit All “Ones” Channel_1 - Hardware Mode
See “Transmit All Ones for Channel _0 - Hardware mode” on page 7.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
ALE_AS
TAOS_2
71
71
I
Address Latch Input (Address Strobe) - Host Mode
Intel bus timing: The address inputs are latched into the internal register on
the falling edge of ALE.
Motorola bus timing: The address inputs are latched into the internal regis-
ter on the falling edge of AS.
Transmit All “Ones” Channel_2 - Hardware Mode
See “Transmit All Ones for Channel _0 - Hardware mode” on page 7.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
CS
TAOS_3
72
72
I
Chip Select Input - Host Mode
This signal must be “Low” in order to access the parallel port.
Transmit All “Ones” Channel_3 - Hardware Mode
See “Transmit All Ones for Channel _0 - Hardware mode” on page 7.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
RDY_DTACK
RXMUTE
73
73
O
I
Ready Output (Data Transfer Acknowledge Output) - Host Mode
Intel bus timing: RDY is asserted “High” to indicate the device has com-
pleted a read or write operation.
Motorola bus timing: DTACK is asserted "Low" to indicate the device has
completed a read or write cycle.
Receive Muting - Hardware mode
See “Receive Muting - Hardware mode” on page 5.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com