Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 53 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 53 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 49Page - Exar Corporation XRT83SL34IV Datasheet HTML 50Page - Exar Corporation XRT83SL34IV Datasheet HTML 51Page - Exar Corporation XRT83SL34IV Datasheet HTML 52Page - Exar Corporation XRT83SL34IV Datasheet HTML 53Page - Exar Corporation XRT83SL34IV Datasheet HTML 54Page - Exar Corporation XRT83SL34IV Datasheet HTML 55Page - Exar Corporation XRT83SL34IV Datasheet HTML 56Page - Exar Corporation XRT83SL34IV Datasheet HTML 57Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
50
TABLE 22: MICROPROCESSOR REGISTER #3, BIT DESCRIPTION
REGISTER ADDRESS
0000011
0010011
0100011
0110011
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
NLCDE1_n
Network Loop Code Detection Enable Bit 1:
This bit together with NLCDE0_n control the Loop-Code detec-
tion of each channel.
When NLCDE1 =”0” and NLCDE0 = “1” or NLCDE1 = “1” and
NLCDE0 = “0”, the chip is manually programmed to monitor
the receive data for the Loop-Up or Loop-Down code respec-
tively.When the presence of the “00001” or “001” pattern is
detected for more than 5 seconds, the status of the NLCD bit is
set to “1” and if the NLCD interrupt is enabled, an interrupt is
initiated.The Host has the option to control the Loop-Back
function manually.
Setting the NLCDE1 = “1” and NLCDE0 = “1” enables the
Automatic Loop-Code detection and Remote Loop-Back acti-
vation mode. As this mode is initiated, the state of the NLCD
interface bit is reset to “0” and the chip is programmed to mon-
itor the receive data for the Loop-Up code. If the “00001” pat-
tern is detected for longer than 5 seconds, the NLCD bit is set
“1”, Remote Loop-Back is activated and the chip is automati-
cally programmed to monitor the receive data for the Loop-
Down code. The NLCD bit stays set even after the chip stops
receiving the Loop-Up code. The Remote Loop-Back condition
is removed when the chip receives the Loop-Down code for
more than 5 seconds or if the Automatic Loop-Code detection
mode is terminated.
R/W
0
D6
NLCDE0_n
Network Loop Code Detection Enable Bit 0:
See description of D7 for function of this bit.
R/W
0
D5
CODES_n
Encoding and Decoding Select:
Writing a “0” to this bits selects HDB3 or B8ZS encoding and
decoding for channel number n. Writing “1” selects an AMI
coding scheme. This bit is only active when single rail mode is
selected.
R/W
0
NLCDE1
NLCDE0
0
0
0
1
1
0
1
1
Function
Disable Loop-code
detection
Detect Loop-Up code
in receive data
Detect Loop-Down
code in receive data
Automatic Loop-Code
detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com