Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 25Page - Exar Corporation XRT83SL34IV Datasheet HTML 26Page - Exar Corporation XRT83SL34IV Datasheet HTML 27Page - Exar Corporation XRT83SL34IV Datasheet HTML 28Page - Exar Corporation XRT83SL34IV Datasheet HTML 29Page - Exar Corporation XRT83SL34IV Datasheet HTML 30Page - Exar Corporation XRT83SL34IV Datasheet HTML 31Page - Exar Corporation XRT83SL34IV Datasheet HTML 32Page - Exar Corporation XRT83SL34IV Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
26
TRANSMIT AND RECEIVE TERMINATIONS
The XRT83SL34 is a versatile LIU that can be programmed to use one Bill of Materials (BOM) for worldwide
applications for T1, J1 and E1. For specific applications the internal terminations can be disabled to allow the
use of existing components and/or designs.
RECEIVER (CHANNELS 0 - 3)
INTERNAL RECEIVE TERMINATION MODE
In Hardware mode, RXTSEL (Pin 83) can be tied “High” to select internal termination mode for all receive
channels or tied “Low” to select external termination mode. Individual channel control can only be done in Host
mode. By default the XRT83SL34 is set for external termination mode at power up or at Hardware reset.
In Host mode, bit 7 in the appropriate channel register, (Table 20, “Microprocessor Register #1, Bit
Description,” on page 46), is set “High” to select the internal termination mode for that specific receive channel.
1
1110
E1 Gain Mode
ITU G.703
75
Ω Coax
HDB3
1
1111
E1 Gain Mode
ITU G.703
120
Ω TP
HDB3
TABLE 6: RECEIVE TERMINATION CONTROL
RXTSEL
RX TERMINATION
0
EXTERNAL
1
INTERNAL
TABLE 5: RECEIVE EQUALIZER CONTROL AND TRANSMIT LINE BUILD-OUT SETTINGS
EQC4
EQC3
EQC2
EQC1
EQC0
E1/T1 MODE & RECEIVE
SENSITIVITY
TRANSMIT LBO
CABLE
CODING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com