Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 78 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 78 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 72Page - Exar Corporation XRT83SL34IV Datasheet HTML 73Page - Exar Corporation XRT83SL34IV Datasheet HTML 74Page - Exar Corporation XRT83SL34IV Datasheet HTML 75Page - Exar Corporation XRT83SL34IV Datasheet HTML 76Page - Exar Corporation XRT83SL34IV Datasheet HTML 77Page - Exar Corporation XRT83SL34IV Datasheet HTML 78Page - Exar Corporation XRT83SL34IV Datasheet HTML 79Page - Exar Corporation XRT83SL34IV Datasheet HTML 80Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
75
MOTOROLA ASYCHRONOUS INTERFACE TIMING
The signals used in the Motorola microprocessor interface mode are: Address Strobe (AS), Data Strobe (DS),
Read/Write Enable (R/W), Chip Select (CS), Address and Data bits. The interface is compatible with the timing
of a Motorola 68000 microprocessor family with up to 16.67 MHz clock frequency. The interface timing is
shown in Figure 29 and Figure 30. The I/O specifications are shown in Table 50.
FIGURE 29. MOTOROLA 68K ASYNCHRONOUS PROGRAMMED I/O INTERFACE TIMING
TABLE 50: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION
SYMBOL
PARAMETER
MIN
MAX
UNITS
t0
Valid Address to CS Falling Edge
0
-
ns
t1
CS Falling Edge to DS Assert
65
-
ns
t2
DS Assert to DTACK Assert
-
50
ns
NA
DS Pulse Width (t2)
50
-
ns
t3
CS Falling Edge to AS Falling Edge
0
-
ns
Reset pulse width - both Motorola and Intel Operations (see
Figure 30)
t9
Reset pulse width
30
FIGURE 30. MICROPROCESSOR INTERFACE TIMING - RESET PULSE WIDTH
CS
A DDR[6:0 ]
DA T A [7 :0 ]
RD_ DS
WR _ R /W
RD Y _ DTA C K
V a lid D a ta fo r Re adbac k
Data A v ailable to W rite In to the LIU
RE AD O PER ATIO N
W RITE O P ERA TIO N
t
0
t
0
t
1
t
2
Va lid Ad d re ss
Va lid Ad d re ss
t
3
t
3
t
1
t
2
AL E_ AS
Reset
t
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com