Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 3Page - Exar Corporation XRT83SL34IV Datasheet HTML 4Page - Exar Corporation XRT83SL34IV Datasheet HTML 5Page - Exar Corporation XRT83SL34IV Datasheet HTML 6Page - Exar Corporation XRT83SL34IV Datasheet HTML 7Page - Exar Corporation XRT83SL34IV Datasheet HTML 8Page - Exar Corporation XRT83SL34IV Datasheet HTML 9Page - Exar Corporation XRT83SL34IV Datasheet HTML 10Page - Exar Corporation XRT83SL34IV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
4
PIN DESCRIPTION BY FUNCTION
RECEIVE SECTIONS
SIGNAL NAME
PIN #TYPE
DESCRIPTION
RLOS_0
RLOS_1
RLOS_2
RLOS_3
4
28
75
99
O
Receiver Loss of Signal for Channel _0
This output signal goes ‘High’ for at least one RCLK_0 cycle to indicate loss
of signal at the receive 0 input. RLOS will remain “High” for the entire dura-
tion of the loss of signal detected by the receiver logic.
See “Receiver Loss of Signal (RLOS)” on page 20.
Receiver Loss of Signal for Channel _1
Receiver Loss of Signal for Channel _2
Receiver Loss of Signal for Channel _3
RCLK_0
RCLK_1
RCLK_2
RCLK_3
5
27
76
98
O
Receiver Clock Output for Channel _0
Receiver Clock Output for Channel _1
Receiver Clock Output for Channel _2
Receiver Clock Output for Channel _3
RNEG_0
LCV_0
RNEG_1
LCV_1
RNEG_1
LCV_2
RNEG_1
LCV_3
6
26
77
97
O
Receiver Negative Data Output for Channel _0 - Dual-Rail mode
This signal is the receiver negative-rail output data.
Line Code Violation Output for Channel _0 - Single-Rail mode
This signal goes ‘High’ for one RCLK_0 cycle to indicate a code violation is
detected in the received data of Channel _0. If AMI coding is selected, every
bipolar violation received will cause this pin to go “High”.
Receiver Negative Data Output for Channel _1
Line Code Violation Output for Channel _1
Receiver Negative Data Output for Channel _2
Line Code Violation Output for Channel _2
Receiver Negative Data Output for Channel _3
Line Code Violation Output for Channel _3
RPOS_0
RDATA_0
RPOS_1
RDATA_1
RPOS_2
RDATA_2
RPOS_3
RDATA_3
7
25
78
96
O
Receiver Positive Data Output for Channel _0 - Dual-Rail mode
This signal is the receive positive-rail output data sent to the Framer.
Receiver NRZ Data Output for Channel _0 - Single-Rail mode
This signal is the receive output data.
Receiver Positive Data Output for Channel _1
Receiver NRZ Data Output for Channel _1
Receiver Positive Data Output for Channel _2
Receiver NRZ Data Output for Channel _2
Receiver Positive Data Output for Channel _3
Receiver NRZ Data Output for Channel _3
RTIP_0
RTIP_1
RTIP_2
RTIP_3
9
23
80
94
I
Receiver Differential Tip Positive Input for Channel _0
Positive differential receive input from the line.
Receiver Differential Tip Positive Input for Channel _1
Receiver Differential Tip Positive Input for Channel _2
Receiver Differential Tip Positive Input for Channel _3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com