Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 31Page - Exar Corporation XRT83SL34IV Datasheet HTML 32Page - Exar Corporation XRT83SL34IV Datasheet HTML 33Page - Exar Corporation XRT83SL34IV Datasheet HTML 34Page - Exar Corporation XRT83SL34IV Datasheet HTML 35Page - Exar Corporation XRT83SL34IV Datasheet HTML 36Page - Exar Corporation XRT83SL34IV Datasheet HTML 37Page - Exar Corporation XRT83SL34IV Datasheet HTML 38Page - Exar Corporation XRT83SL34IV Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
32
RECEIVE 1:1 & 1+1 REDUNDANCY
For 1:1 and 1+1 redundancy, the receivers on the primary card should be programmed for Internal Impedance
mode. The receivers on the backup card should be programmed for External Impedance mode. Since there is
no external resistor in the circuit, the receivers on the backup card will be high impedance. This key design
feature eliminates the need for relays and provides one bill of materials for all interface modes of operation.
Select the impedance for the desired mode of operation, T1/E1/J1. To swap the primary card, set the backup
card to Internal Impedance mode, then the primary card to External Impedance mode. See Figure 15 for a
simplified block diagram of the receive section for a 1:1 and 1+1 redundancy scheme.
NOTE: For simplification, the over voltage protection circuitry was omitted.
FIGURE 14. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT SECTION FOR 1:1 & 1+1 REDUNDANCY
FIGURE 15. SIMPLIFIED BLOCK DIAGRAM - RECEIVE SECTION FOR 1:1 AND 1+1 REDUNDANCY
T 1 /E 1 Line
B a ckp la n e In te rfa ce
Prim a ry C a rd
B a ckup C a rd
X R T 83S L34
X R T 83S L34
Tx
Tx
Line In te rface C a rd
0.68
µF
0.68
µF
T xT S E L =1 , In te rn a l
T xT S E L =1 , In te rn a l
1:2 or 1:2.45
R xT SEL =0 , Exte rn a l
R xT S E L =1 , In te rn a l
B a ckp la n e In te rfa ce
Prim a ry C a rd
B a ckup C a rd
X R T 83S L34
X R T 83S L34
Rx
Line In te rface C a rd
T 1 /E 1 Line
Rx
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com