Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 13Page - Exar Corporation XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation XRT83SL34IV Datasheet HTML 16Page - Exar Corporation XRT83SL34IV Datasheet HTML 17Page - Exar Corporation XRT83SL34IV Datasheet HTML 18Page - Exar Corporation XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation XRT83SL34IV Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
14
TRATIO
INT
119
I
O
Transmitter Transformer Ratio Select - Hardware Mode
In external termination mode (TXSEL = 0), setting this pin "High" selects a
transformer ratio of 1:2 for the transmitter. A "Low" on this pin sets the trans-
mitter transformer ratio to 1:2.45. In the internal termination mode the
transmitter transformer ratio is permanently set to 1:2 and the state of this pin
is ignored.
Interrupt Output - Host Mode
This pin is asserted “Low” to indicate an alarm condition. See “Microproces-
sor Interface” on page 8.
NOTE: This pin is an open drain output and requires an external 10k
Ω pull-
up resistor.
RESET
121
I
Hardware Reset (Active "Low")
When this pin is tied “Low” for more than 10µs, the device is put in the reset
state.
Pulling RESET and ICT pins “Low” simultaneously will put the chip in factory
test mode. This condition should not be permitted during normal operation.
NOTE: Internally pulled “High” with a 50k
Ω resistor.
SR/DR
16
I
Single-Rail/Dual-Rail Data Format
Connect this pin "Low" to select transmit and receive data format in Dual-rail
mode. In this mode, HDB3 or B8ZS encoder and decoder are not available.
Connect this pin "High" to select single-rail data format.
NOTE: Internally pulled "Low" with a 50k
Ω resistor.
LOOP1_0
LOOP0_0
LOOP1_1
LOOP0_1
LOOP1_2
LOOP0_2
LOOP1_3
LOOP0_3
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
42
43
44
45
46
47
48
49
42
43
44
45
46
47
48
49
I/O
Loop-Back Control Pins - Hardware Mode:
Loop-back control pin 1 - Channel _0
Loop-back control pin 0 - Channel _0
Loop-back control pin 1 - Channel _1
Loop-back control pin 0 - Channel _1
Loop-back control pin 1 - Channel _2
Loop-back control pin 0 - Channel _2
Loop-back control pin 1 - Channel _3
Loop-back control pin 0 - Channel _3
Microprocessor R/W Data bits [7:0] - Host Mode
These pins are microprocessor data bus pins. See “Microprocessor Read/
Write Data Bus Pins - Host Mode” on page 9.
NOTE: These pins are internally pulled “Low” with a 50k
Ω resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
LOOP1_n
LOOP0_n
0
0
0
1
1
0
1
1
MODE
Normal Mode No Loop-back Channel_n
Local Loop-Back Channel_n
Remote Loop-Back Channel_n
Digital Loop-Back Channel_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com