Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 4 Page - Exar Corporation

  XRT83SL34IV Datasheet HTML 1Page - Exar Corporation XRT83SL34IV Datasheet HTML 2Page - Exar Corporation XRT83SL34IV Datasheet HTML 3Page - Exar Corporation XRT83SL34IV Datasheet HTML 4Page - Exar Corporation XRT83SL34IV Datasheet HTML 5Page - Exar Corporation XRT83SL34IV Datasheet HTML 6Page - Exar Corporation XRT83SL34IV Datasheet HTML 7Page - Exar Corporation XRT83SL34IV Datasheet HTML 8Page - Exar Corporation XRT83SL34IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
I
TABLE OF CONTENTS
GENERAL DESCRIPTION ................................................................................................. 1
APPLICATIONS .............................................................................................................................................. 1
Figure 1. Block Diagram of the XRT83SL34 T1/E1/J1 LIU (Host Mode) ........................................ 1
Figure 2. Block Diagram of the XRT83SL34 T1/E1/J1 LIU (Hardware Mode) ................................ 2
FEATURES .................................................................................................................................................... 2
ORDERING INFORMATION ...................................................................................................................... 3
Figure 3. Pin Out of the XRT83SL34 ................................................................................................. 3
TABLE OF CONTENTS ....................................................................................................... I
PIN DESCRIPTION BY FUNCTION ................................................................................... 4
RECEIVE SECTIONS ...................................................................................................................................... 4
TRANSMITTER SECTIONS .............................................................................................................................. 6
MICROPROCESSOR INTERFACE ...................................................................................................................... 8
JITTER ATTENUATOR .................................................................................................................................. 11
CLOCK SYNTHESIZER .................................................................................................................................. 12
ALARM FUNCTION//REDUNDANCY SUPPORT ................................................................................................. 13
POWER AND GROUND ................................................................................................................................. 17
FUNCTIONAL DESCRIPTION ......................................................................................... 18
MASTER CLOCK GENERATOR ...................................................................................................................... 18
Figure 4. Two Input Clock Source .................................................................................................. 18
Figure 5. One Input Clock Source .................................................................................................. 18
RECEIVER ........................................................................................................................ 19
RECEIVER INPUT ......................................................................................................................................... 19
TABLE 1: MASTER CLOCK GENERATOR ............................................................................................... 19
RECEIVE MONITOR MODE ........................................................................................................................... 20
RECEIVER LOSS OF SIGNAL (RLOS) ........................................................................................................... 20
Figure 6. Simplified Diagram of -15dB T1/E1 Short Haul Mode and RLOS Condition ............... 20
RECEIVE HDB3/B8ZS DECODER ................................................................................................................ 21
RECOVERED CLOCK (RCLK) SAMPLING EDGE ............................................................................................ 21
Figure 7. Simplified Diagram of -29dB T1/E1 Gain Mode and RLOS Condition ......................... 21
Figure 8. Receive Clock and Output Data Timing ......................................................................... 21
JITTER ATTENUATOR .................................................................................................................................. 22
GAPPED CLOCK (JA MUST BE ENABLED IN THE TRANSMIT PATH) ................................................................. 22
TABLE 2: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS ........................................ 22
ARBITRARY PULSE GENERATORFOR T1 AND E1 .......................................................................................... 23
TRANSMITTER ................................................................................................................. 23
DIGITAL DATA FORMAT ............................................................................................................................... 23
TRANSMIT CLOCK (TCLK) SAMPLING EDGE ................................................................................................ 23
Figure 9. Arbitrary Pulse Segment Assignment ............................................................................ 23
TRANSMIT HDB3/B8ZS ENCODER .............................................................................................................. 24
Figure 10. Transmit Clock and Input Data Timing ........................................................................ 24
TABLE 3: EXAMPLES OF HDB3 ENCODING ........................................................................................... 24
TABLE 4: EXAMPLES OF B8ZS ENCODING ........................................................................................... 24
DRIVER FAILURE MONITOR (DMO) .............................................................................................................. 25
TRANSMIT PULSE SHAPER & LINE BUILD OUT (LBO) CIRCUIT ...................................................................... 25
TABLE 5: RECEIVE EQUALIZER CONTROL AND TRANSMIT LINE BUILD-OUT SETTINGS ........................... 25
TRANSMIT AND RECEIVE TERMINATIONS .................................................................. 26
RECEIVER (CHANNELS 0 - 3) ................................................................................................................... 26
Internal Receive Termination Mode .......................................................................................................... 26
TABLE 6: RECEIVE TERMINATION CONTROL .......................................................................................... 26
Figure 11. Simplified Diagram for the Internal Receive and Transmit Termination Mode ........ 27
TABLE 7: RECEIVE TERMINATIONS ....................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com