Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 48 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 48 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 44Page - Exar Corporation XRT83SL34IV Datasheet HTML 45Page - Exar Corporation XRT83SL34IV Datasheet HTML 46Page - Exar Corporation XRT83SL34IV Datasheet HTML 47Page - Exar Corporation XRT83SL34IV Datasheet HTML 48Page - Exar Corporation XRT83SL34IV Datasheet HTML 49Page - Exar Corporation XRT83SL34IV Datasheet HTML 50Page - Exar Corporation XRT83SL34IV Datasheet HTML 51Page - Exar Corporation XRT83SL34IV Datasheet HTML 52Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
45
MICROPROCESSOR REGISTER DESCRIPTIONS
TABLE 19: MICROPROCESSOR REGISTER #0, BIT DESCRIPTION
REGISTER ADDRESS
0000000
0010000
0100000
0110000
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
R/W
0
D6
Reserved
R/W
D5
RXON_n
Receiver ON: Writing a “1” into this bit location turns on the
Receive Section of channel n. Writing a “0” shuts off the
Receiver Section of channel n.
NOTES:
1.
This bit provides independent turn-off or turn-on
control of each receiver channel.
2.
In Hardware mode all receiver channels are always
on.
R/W
0
D4
EQC4_n
Equalizer Control bit 4: This bit together with EQC[3:0] are
used for controlling transmit pulse shaping, transmit line build-
out (LBO) and receive monitoring for either T1 or E1 Modes of
operation.
See
Table 5 for description of Equalizer Control bits.
R/W
0
D3
EQC3_n
Equalizer Control bit 3: See bit D4 description for function of
this bit
R/W
0
D2
EQC2_n
Equalizer Control bit 2: See bit D4 description for function of
this bit
R/W
0
D1
EQC1_n
Equalizer Control bit 1: See bit D4 description for function of
this bit
R/W
0
D0
EQC0_n
Equalizer Control bit 0: See bit D4 description for function of
this bit
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com