Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 26Page - Exar Corporation XRT83SL34IV Datasheet HTML 27Page - Exar Corporation XRT83SL34IV Datasheet HTML 28Page - Exar Corporation XRT83SL34IV Datasheet HTML 29Page - Exar Corporation XRT83SL34IV Datasheet HTML 30Page - Exar Corporation XRT83SL34IV Datasheet HTML 31Page - Exar Corporation XRT83SL34IV Datasheet HTML 32Page - Exar Corporation XRT83SL34IV Datasheet HTML 33Page - Exar Corporation XRT83SL34IV Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
27
If the internal termination mode (RXTSEL = “1”) is selected, the effective impedance for E1, T1 or J1 can be
achieved either with an internal resistor or a combination of internal and external resistors as shown in Table 7.
NOTE: In Hardware mode, pins RXRES[1:0] control all channels.
FIGURE 11. SIMPLIFIED DIAGRAM FOR THE INTERNAL RECEIVE AND TRANSMIT TERMINATION MODE
T1
TTIP
TRING
5
8
1:2
75
Ω , 100 Ω
110
Ω or 120 Ω
4
1
0.68
µ F
R
int
R
int
TTIP
TRING
TX
Line Driver
T2
RTIP
RRING
1
4
1:1
8
5
RTIP
RRIN G
RX
Equilizer
R
int
Channel _n
TPO S
TN EG
TC LK
RPOS
RNEG
RC LK
75
Ω , 100 Ω
110
Ω or 120 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com