Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation XRT83SL34IV Datasheet HTML 21Page - Exar Corporation XRT83SL34IV Datasheet HTML 22Page - Exar Corporation XRT83SL34IV Datasheet HTML 23Page - Exar Corporation XRT83SL34IV Datasheet HTML 24Page - Exar Corporation XRT83SL34IV Datasheet HTML 25Page - Exar Corporation XRT83SL34IV Datasheet HTML 26Page - Exar Corporation XRT83SL34IV Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
20
RECEIVE MONITOR MODE
In applications where Monitor mode is desired, the equalizer can be configured in a gain mode which handles
input signals attenuated resistively up to 29dB, along with 0 to 6dB cable attenuation for both T1 and E1
applications, refer to Table 5 for details. This feature is available in both Hardware and Host modes.
RECEIVER LOSS OF SIGNAL (RLOS)
For compatibility with ITU G.775 requirements, the RLOS monitoring function is implemented using both
analog and digital detection schemes. If the analog RLOS condition occurs, a digital detector is activated to
count for 32 consecutive zeros in E1 (4096 bits in Extended Los mode, EXLOS = “1”) or 175 consecutive zeros
in T1 before RLOS is asserted. RLOS is cleared when the input signal rises +3dB (built in hysteresis) above
the point at which it was declared and meets 12.5% ones density of 4 ones in a 32 bit window, with no more
than 16 consecutive zeros for E1. In T1 mode, RLOS is cleared when the input signal rises +3dB (built in
hysteresis) above the point at which it was declared and contains 16 ones in a 128 bit window with no more
than 100 consecutive zeros in the data stream. When loss of signal occurs, RLOS register indication and
register status will change. If the RLOS register enable is set high (enabled), the alarm will trigger an interrupt
causing the interrupt pin (INT) to go low. Once the alarm status register has been read, it will automatically
reset upon read (RUR), and the INT pin will return high.
Analog RLOS
Setting the Receiver Inputs to -15dB T1/E1 Short Haul Mode
By setting the receiver inputs to -15dB T1/E1 short haul mode, the equalizer will detect the incoming amplitude
and make adjustments by adding gain up to a maximum of +15dB normalizing the T1/E1 input signal.
NOTE: This is the only setting that refers to cable loss (frequency), not flat loss (resistive).
Once the T1/E1 input signal has been normalized to 0dB by adding the maximum gain (+15dB), the receiver
will declare RLOS if the signal is attenuated by an additional -9dB. The total cable loss at RLOS declaration is
typically -24dB (-15dB + -9dB). A 3dB hysteresis was designed so that transients will not trigger the RLOS to
clear. Therefore, the RLOS will typically clear at a total cable attenuation of -21dB. See Figure 6 for a simplified
diagram.
Setting the Receiver Inputs to -29dB T1/E1 Gain Mode
By setting the receiver inputs to -29dB T1/E1 gain mode, the equalizer will detect the incoming amplitude and
make adjustments by adding gain up to a maximum of +29dB normalizing the T1/E1 input signal.
NOTE: This is the only setting that refers to flat loss (resistive). All other modes refer to cable loss (frequency).
Once the T1/E1 input signal has been normalized to 0dB by adding the maximum gain (+29dB), the receiver
will declare RLOS if the signal is attenuated by an additional -9dB. The total cable loss at RLOS declaration is
FIGURE 6. SIMPLIFIED DIAGRAM OF -15dB T1/E1 SHORT HAUL MODE AND RLOS CONDITION
Norm alized up to +15dB Max
Norm alized up to +15dB Max
Declare LOS
Clear LOS
-9dB
+3dB
Clear LOS
Declare LOS
+3dB
-9dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com