Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 12Page - Exar Corporation XRT83SL34IV Datasheet HTML 13Page - Exar Corporation XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation XRT83SL34IV Datasheet HTML 16Page - Exar Corporation XRT83SL34IV Datasheet HTML 17Page - Exar Corporation XRT83SL34IV Datasheet HTML 18Page - Exar Corporation XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
13
ALARM FUNCTION//REDUNDANCY SUPPORT
MCLKT1
33
I
T1 Master Clock Input
This signal is an independent 1.544MHz clock for T1 systems with required
accuracy of better than ±50ppm and duty cycle of 40% to 60%. MCLKT1
input is used in the T1 mode.
NOTES:
1.
All channels of the XRT83SL34 must be operated at the same clock
rate, either T1, E1 or J1.
2.
See pin 32 description for further explanation for the usage of this
pin.
3.
Internally pulled “Low” with a 50k
Ω resistor.
MCLKOUT
36
O
Synthesized Master Clock Output
This signal is the output of the Master Clock Synthesizer PLL which is at T1
or E1 rate based upon the mode of operation.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
GAUGE
87
I
Twisted Pair Cable Wire Gauge Select - Hardware mode
Connect this pin "High" to select 26 Gauge wire. Connect this pin “Low” to
select 22 and 24 gauge wire for all channels.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
DMO_0
DMO_1
DMO_2
DMO_3
64
65
66
67
O
Driver Failure Monitor Channel _0
This pin transitions "High" if a short circuit condition is detected in the trans-
mit driver of Channel _0, or no transmit output pulse is detected for more
than 128 TCLK_0 cycles.
Driver Failure Monitor Channel _1
Driver Failure Monitor Channel _2
Driver Failure Monitor Channel _3
ATAOS
µPCLK
50
I
Automatic Transmit “All Ones” Pattern - Hardware Mode
A "High" level on this pin enables the automatic transmission of an "All Ones"
AMI pattern from the transmitter of any channel that the receiver of that
channel has detected an LOS condition. A "Low" level on this pin disables
this function.
NOTE: All channels share the same ATAOS input control function.
Microprocessor Clock Input - Host Mode
See “Microprocessor Clock Input - Host Mode” on page 9.
NOTE: This pin is internally pulled “Low” for asynchronous microprocessor
interface when no clock is present.
SIGNAL NAME
PIN #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com