Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 42Page - Exar Corporation XRT83SL34IV Datasheet HTML 43Page - Exar Corporation XRT83SL34IV Datasheet HTML 44Page - Exar Corporation XRT83SL34IV Datasheet HTML 45Page - Exar Corporation XRT83SL34IV Datasheet HTML 46Page - Exar Corporation XRT83SL34IV Datasheet HTML 47Page - Exar Corporation XRT83SL34IV Datasheet HTML 48Page - Exar Corporation XRT83SL34IV Datasheet HTML 49Page - Exar Corporation XRT83SL34IV Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
43
9
0001001
Hex 0x09
R/W
X
B6S2_n
B5S2_n
B4S2_n
B3S2_n
B2S2_n
B1S2_n
B0S2_n
10
0001010
Hex 0x0A
R/W
X
B6S3_n
B5S3_n
B4S3_n
B3S3_n
B2S3_n
B1S3_n
B0S3_n
11
0001011
Hex 0x0B
R/W
X
B6S4_n
B5S4_n
B4S4_n
B3S4_n
B2S4_n
B1S4_n
B0S4_n
12
0001100
Hex 0x0C
R/W
X
B6S5_n
B5S5_n
B4S5_n
B3S5_n
B2S5_n
B1S5_n
B0S5_n
13
0001101
Hex 0x0D
R/W
X
B6S6_n
B5S6_n
B4S6_n
B3S6_n
B2S6_n
B1S6_n
B0S6_n
14
0001110
Hex 0x0E
R/W
X
B6S7_n
B5S7_n
B4S7_n
B3S7_n
B2S7_n
B1S7_n
B0S7_n
15
0001111
Hex 0x0F
R/W
X
B6S8_n
B5S8_n
B4S8_n
B3S8_n
B2S8_n
B1S8_n
B0S8_n
Reset = 0
Reset = 0
Reset = 0
Reset = 0
Reset = 0
Reset = 0
Reset = 0
Reset = 0
Command Control Global Registers for all 8 channels
16-31
001xxxx
Hex 0x10-
0x1F
R/W
Channel 1Control Register (see Registers 0-15 for description)
32-47
010xxxx
Hex 0x20-
ox2F
R/W
Channel 2 Control Register (see Registers 0-15 for description)
48-63
011xxxx
Hex 0x30-
0x3F
R/W
Channel 3 Control Register (see Registers 0-15 for description)
Command Control Global Registers
64
1000000
Hex 0x40
R/W
SR/DR
ATAOS
RCLKE
TCLKE
DATAP
Reserved
GIE
SRESET
65
1000001
Hex 0x41
R/W
E1arben
CLKSEL2
CLKSEL1
CLKSEL0
MCLKRATE
RXMUTE
EXLOS
ICT
66
1000010
Hex 0x42
R/W
GAUGE1
Gauge2
TXONCNTL
TERCNTL
SL_1
SL_0
EQG_1
EQG_0
67
1000011
Hex 0x43
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Test Registers for channels 0 - 3
68
1000100
Hex 0x44
R/W
Test byte 0
69
1000101
Hex 0x45
R/W
Test byte 1
70
1000110
Hex 0x46
R/W
Test byte 2
71
1000111
Hex 0x47
R/W
Test byte 3
72
1001000
Hex 0x48
R/W
Test byte 4
73
1001001
Hex 0x49
R/W
Test byte 5
TABLE 18: MICROPROCESSOR REGISTER BIT DESCRIPTION
REG. #
ADDRESS
REG.
TYPE
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com