Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 18Page - Exar Corporation XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation XRT83SL34IV Datasheet HTML 21Page - Exar Corporation XRT83SL34IV Datasheet HTML 22Page - Exar Corporation XRT83SL34IV Datasheet HTML 23Page - Exar Corporation XRT83SL34IV Datasheet HTML 24Page - Exar Corporation XRT83SL34IV Datasheet HTML 25Page - Exar Corporation XRT83SL34IV Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
19
In Host mode the programming is achieved through the corresponding interface control bits, the state of the
CLKSEL[2:0] control bits and the state of the MCLKRATE interface control bit.
RECEIVER
In Hardware mode all receive channels are turned on upon power-up and there is no provision supplied to
power them off. In Host mode, each receiver channel can be individually powered on or off with its respective
channel RXON_n bit. See “Microprocessor Register #0, Bit Description” on page 45.
RECEIVER INPUT
At the receiver input, a cable attenuated AMI signal can be coupled to the receiver through a capacitor or a 1:1
transformer. The input signal is first applied to a selective equalizer for signal conditioning. The maximum
equalizer gain is up to 36 dB for both T1 and E1 modes. The equalized signal is subsequently applied to a
peak detector which in turn controls the equalizer settings and the data slicer. The slicer threshold for both E1
and T1 is typically set at 50% of the peak amplitude at the equalizer output. After the slicers, the digital
representation of the AMI signals are applied to the clock and data recovery circuit. The recovered data
subsequently goes through the jitter attenuator and decoder (if selected) for HDB3 or B8ZS decoding before
being applied to the RPOS_n/RDATA_n and RNEG_n/LCV_n pins. Clock recovery is accomplished by a digital
phase-locked loop (DPLL) which does not require any external components and can tolerate high levels of
input jitter that meets or exceeds the ITU-G.823 and TR-TSY000499 standards.
TABLE 1: MASTER CLOCK GENERATOR
MCLKE1
K
HZ
MCLKT1
K
HZ
CLKSEL2
CLKSEL1
CLKSEL0
MCLKRATE
MASTER CLOCK
K
HZ
2048
2048
0
0
0
0
2048
2048
2048
0
0
0
1
1544
2048
1544
0
0
0
0
2048
1544
1544
0
0
1
1
1544
1544
1544
0
0
1
0
2048
2048
1544
0
0
1
1
1544
8
x
01
00
2048
8
x
01
01
1544
16
x
0
1
1
0
2048
16
x
0
1
1
1
1544
56
x
1
0
0
0
2048
56
x
1
0
0
1
1544
64
x
1
0
1
0
2048
64
x
1
0
1
1
1544
128
x
11
00
2048
128
x
11
01
1544
256
x
11
10
2048
256
x
11
11
1544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com