Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 50 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 50 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 46Page - Exar Corporation XRT83SL34IV Datasheet HTML 47Page - Exar Corporation XRT83SL34IV Datasheet HTML 48Page - Exar Corporation XRT83SL34IV Datasheet HTML 49Page - Exar Corporation XRT83SL34IV Datasheet HTML 50Page - Exar Corporation XRT83SL34IV Datasheet HTML 51Page - Exar Corporation XRT83SL34IV Datasheet HTML 52Page - Exar Corporation XRT83SL34IV Datasheet HTML 53Page - Exar Corporation XRT83SL34IV Datasheet HTML 54Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
47
D3
JASEL1_n
Jitter Attenuator select bit 1: The JASEL1 and JASEL0 bits
are used to disable or place the jitter attenuator of each chan-
nel independently in the transmit or receive path.
R/W
0
D2
JASEL0_n
Jitter Attenuator select bit 0: See description of bit D3 for the
function of this bit.
R/W
0
D1
JABW_n
Jitter Attenuator Bandwidth Select: In E1 mode, set this bit
to “1” to select a 1.5Hz Bandwidth for the Jitter Attenuator. The
FIFO length will be automatically set to 64 bits. Set this bit to
“0” to select 10Hz Bandwidth for the Jitter Attenuator in E1
mode. In T1 mode the Jitter Attenuator Bandwidth is perma-
nently set to 3Hz, and the state of this bit has no effect on the
Bandwidth.
R/W
0
D0
FIFOS_n
FIFO Size Select: See table of bit D1 above for the function of
this bit.
R/W
0
TABLE 20: MICROPROCESSOR REGISTER #1, BIT DESCRIPTION
JASEL1
bit D3
JASEL0
bit D2
0
0
0
1
1
0
1
1
JA Path
JA Disabled
JA in Transmit Path
JA in Receive Path
JA in Receive Path
0
1
0
1
0
1
0
1
FIFOS_n
bit D0
0
0
1
1
0
0
1
1
JABW
bit D1
T1
T1
T1
T1
E1
E1
E1
E1
Mode
32
64
32
64
32
64
64
64
FIFO
Size
3
3
3
3
10
10
1.5
1.5
JA B-W
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com