Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 17Page - Exar Corporation XRT83SL34IV Datasheet HTML 18Page - Exar Corporation XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation XRT83SL34IV Datasheet HTML 21Page - Exar Corporation XRT83SL34IV Datasheet HTML 22Page - Exar Corporation XRT83SL34IV Datasheet HTML 23Page - Exar Corporation XRT83SL34IV Datasheet HTML 24Page - Exar Corporation XRT83SL34IV Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
18
FUNCTIONAL DESCRIPTION
The XRT83SL34 is a fully integrated four chnnel short-haul transceiver intended for T1, J1 or E1 systems.
Simplified block diagrams of the device are shown in Figure 1, Host mode and Figure 2, Hardware mode.
In T1 applications, the XRT83SL34 can generate five transmit pulse shapes to meet the short-haul Digital
Cross-connect (DSX-1) template requirement. The operation and configuration of the XRT83SL34 can be
controlled through a parallel microprocessor Host interface or Hardware control.
MASTER CLOCK GENERATOR
Using a variety of external clock sources, the on-chip frequency synthesizer generates the T1 (1.544MHz) or
E1 (2.048MHz) master clocks necessary for the transmit pulse shaping and receive clock recovery circuit.
There are two master clock inputs MCLKE1 and MCLKT1. In systems where both T1 and E1 master clocks are
available these clocks can be connected to the respective pins. All channels of a given XRT83SL34 must be
operated at the same clock rate, either T1, E1 or J1 modes.
In systems that have only one master clock source available (E1 or T1), that clock should be connected to both
MCLKE1 and MCLKT1 inputs for proper operation. T1 or E1 master clocks can be generated from 8kHz,
16kHz, 56kHz, 64kHz, 128kHz and 256kHz external clocks under the control of CLKSEL[2:0] inputs according
to Table 1.
NOTE: EQC[4:0] determine the T1/E1 operating mode. See
Table 5 for details.
FIGURE 4. TWO INPUT CLOCK SOURCE
FIGURE 5. ONE INPUT CLOCK SOURCE
MCLKE1
MCLKT1
MCLKOUT
1.544MHz
or
2.048MHz
2.048MHz
+/-50ppm
1.544MHz
+/-50ppm
Two Input C lock Sources
MCLKE1
MCLKT1
MCLK OUT
1.544MHz
or
2.048MHz
One Input Clock Source
Input Clock Options
8kHz
16kHz
56kHz
64kHz
128kHz
256kHz
1.544MHz
2.048MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com