Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 36Page - Exar Corporation XRT83SL34IV Datasheet HTML 37Page - Exar Corporation XRT83SL34IV Datasheet HTML 38Page - Exar Corporation XRT83SL34IV Datasheet HTML 39Page - Exar Corporation XRT83SL34IV Datasheet HTML 40Page - Exar Corporation XRT83SL34IV Datasheet HTML 41Page - Exar Corporation XRT83SL34IV Datasheet HTML 42Page - Exar Corporation XRT83SL34IV Datasheet HTML 43Page - Exar Corporation XRT83SL34IV Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
37
LOOP-BACK MODES
The XRT83SL34 supports several Loop-Back modes under both Hardware and Host control. In Hardware
mode the two LOOP[1:0] pins control the Loop-Back functions for each channel independently according to
Table 14.
In Host mode the Loop-Back functions are controlled by the three LOOP[2:0] interface bits. Each channel can
be programmed independently according to Table 15.
TABLE 14: LOOP-BACK CONTROL IN HARDWARE MODE
LOOP1
LOOP0
LOOP-BACK MODE
0
0
None
0
1
Analog
10
Remote
11
Digital
TABLE 15: LOOP-BACK CONTROL IN HOST MODE
LOOP2
LOOP1
LOOP0
LOOP-BACK MODE
0X
X
None
100
Dual
101
Analog
110
Remote
111
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com