Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 28Page - Exar Corporation XRT83SL34IV Datasheet HTML 29Page - Exar Corporation XRT83SL34IV Datasheet HTML 30Page - Exar Corporation XRT83SL34IV Datasheet HTML 31Page - Exar Corporation XRT83SL34IV Datasheet HTML 32Page - Exar Corporation XRT83SL34IV Datasheet HTML 33Page - Exar Corporation XRT83SL34IV Datasheet HTML 34Page - Exar Corporation XRT83SL34IV Datasheet HTML 35Page - Exar Corporation XRT83SL34IV Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
29
TRANSMITTER (CHANNELS 0 - 3)
TRANSMIT TERMINATION MODE
In Hardware mode, TXTSEL (Pin 84) can be tied “High” to select internal termination mode for all transmit
channels or tied “Low” for external termination. Individual channel control can be done only in Host mode. In
Host mode, bit 6 in the appropriate register for a given channel is set “High” to select the internal termination
mode for that specific transmit channel, see Table 20, “Microprocessor Register #1, Bit Description,” on
page 46.
For internal termination, the transformer turns ratio is always 1:2. In internal mode, no external resistors are
used. An external capacitor of 0.68
µF is used for proper operation of the internal termination circuitry, see
Figure 11.
EXTERNAL TRANSMIT TERMINATION MODE
By default the XRT83SL34 is set for external termination mode at power up or at Hardware reset.
When external transmit termination mode is selected, the internal termination circuitry is disabled. The value of
the external resistors is chosen for a specific application according to the turns ratio selected by TRATIO (Pin
127) in Hardware mode or bit 0 in the appropriate register for a specific channel in Host mode, see Table 10
and Table 22, “Microprocessor Register #3, Bit Description,” on page 50. Figure 12 is a simplified block
FIGURE 13. SIMPLIFIED DIAGRAM FOR E1 IN EXTERNAL TERMINATION MODE (RXTSEL= 0)
TABLE 8: TRANSMIT TERMINATION CONTROL
TXTSEL
TX TERMINATION
TX TRANSFORMER RATIO
0
EXTERNAL
1:2.45
1
INTERNAL
1:2
TABLE 9: TERMINATION SELECT CONTROL
TERSEL1
TERSEL0
TERMINATION
00
100
Ω
01
110
Ω
10
75
Ω
11
120
Ω
9.1
Ω
9.1
Ω
TTIP
TR IN G
RT IP
RRING
75
Ω
X R T8 3 S L3 4 LIU
75
Ω
75
Ω
1 :2.45
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com