Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 60 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 60 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 56Page - Exar Corporation XRT83SL34IV Datasheet HTML 57Page - Exar Corporation XRT83SL34IV Datasheet HTML 58Page - Exar Corporation XRT83SL34IV Datasheet HTML 59Page - Exar Corporation XRT83SL34IV Datasheet HTML 60Page - Exar Corporation XRT83SL34IV Datasheet HTML 61Page - Exar Corporation XRT83SL34IV Datasheet HTML 62Page - Exar Corporation XRT83SL34IV Datasheet HTML 63Page - Exar Corporation XRT83SL34IV Datasheet HTML 64Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
57
TABLE 27: MICROPROCESSOR REGISTER #8, BIT DESCRIPTION
REGISTER ADDRESS
0001000
0011000
0101000
0111000
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
R/W
0
D6-D0
B6S1_n -
B0S1_n
Arbitrary Transmit Pulse Shape, Segment 1:The shape of
each channel’s transmitted pulse can be made independently
user programmable by selecting “Arbitrary Pulse” mode in
Table 5. The arbitrary pulse is divided into eight time seg-
ments whose combined duration is equal to one period of
MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the first time segment. B6S1_n-
B0S1_n is in signed magnitude format with B6S1_n as the
sign bit and B0S1_n as the least significant bit (LSB).
R/W
0
TABLE 28: MICROPROCESSOR REGISTER #9, BIT DESCRIPTION
REGISTER ADDRESS
0001001
0011001
0101001
0111001
CHANNEL_n
CHANNEL_0
CHANNEL_1
CHANNEL_2
CHANNEL_3
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #NAME
D7
Reserved
R/W
0
D6-D0
B6S2_n -
B0S2_n
Arbitrary Transmit Pulse Shape, Segment 2
The shape of each channel's transmitted pulse can be made
independently user programmable by selecting “Arbitrary
Pulse” mode in
Table 5. The arbitrary pulse is divided into
eight time segments whose combined duration is equal to one
period of MCLK.
This 7 bit number represents the amplitude of the nth chan-
nel's arbitrary pulse during the second time segment. B6S2_n-
B0S2_n is in signed magnitude format with B6S2_n as the
sign bit and B0S2_n as the least significant bit (LSB).
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com