Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 66Page - Exar Corporation XRT83SL34IV Datasheet HTML 67Page - Exar Corporation XRT83SL34IV Datasheet HTML 68Page - Exar Corporation XRT83SL34IV Datasheet HTML 69Page - Exar Corporation XRT83SL34IV Datasheet HTML 70Page - Exar Corporation XRT83SL34IV Datasheet HTML 71Page - Exar Corporation XRT83SL34IV Datasheet HTML 72Page - Exar Corporation XRT83SL34IV Datasheet HTML 73Page - Exar Corporation XRT83SL34IV Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
67
T1
3.3V
100
Ω
3
Ω
1:1
1:2
820
1050
mW
mW
50% “1’s”
100% “1’s”
---
3.3V
---
---
---
---
230
mW
All transmitters off
TABLE 41: E1 RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V±5%,
TA= -40° TO 85°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Receiver loss of signal:
Number of consecutive zeros before
RLOS is set
Input signal level at RLOS
RLOS De-asserted
15
12.5
32
20
dB
% ones
Cable attenuation @1024kHz
ITU-G.775, ETSI 300 233
Receiver Sensitivity
(Short Haul with cable loss)
11
dB
With nominal pulse amplitude of 3.0V
for 120
Ω and 2.37V for 75Ω applica-
tion. With -18dB interference signal
added.
Input Impedance
13
k
Ω
Input Jitter Tolerance:
1 Hz
10kHz-100kHz
37
0.2
UIpp
UIpp
ITU G.823
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-36
-0.5
kHz
dB
ITU G.736
Jitter Attenuator Corner Fre-
quency (-3dB curve) (JABW=0)
(JABW=1)
-10
1.5
-Hz
Hz
ITU G.736
Return Loss:
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
14
20
16
--
dB
dB
dB
ITU-G.703
TABLE 40: XRT83SL34 POWER CONSUMPTION
VDD=3.3V±5%,
TA=25°C, UNLESS OTHERWISE SPECIFIED
MODE
SUPPLY
VOLTAGE
IMPEDANCE
TERMINATION
RESISTOR
TRANSFORMER RATIO
TYP.MAX.UNIT
TEST
CONDITIONS
RECEIVER TRANSMITTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com