Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 54 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 54 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 50Page - Exar Corporation XRT83SL34IV Datasheet HTML 51Page - Exar Corporation XRT83SL34IV Datasheet HTML 52Page - Exar Corporation XRT83SL34IV Datasheet HTML 53Page - Exar Corporation XRT83SL34IV Datasheet HTML 54Page - Exar Corporation XRT83SL34IV Datasheet HTML 55Page - Exar Corporation XRT83SL34IV Datasheet HTML 56Page - Exar Corporation XRT83SL34IV Datasheet HTML 57Page - Exar Corporation XRT83SL34IV Datasheet HTML 58Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
51
D4
RXRES1_n
Receive External Resistor Control Pin 1: In Host mode, this bit
along with the RXRES0_n bit selects the value of the external
Receive fixed resistor according to the following table;
R/W
0
D3
RXRES0_n
Receive External Resistor Control Pin 0: For function of this
bit see description of D4 the RXRES1_n bit.
R/W
0
D2
INSBPV_n
Insert Bipolar Violation: When this bit transitions from “0” to
“1”, a bipolar violation is inserted in the transmitted data
stream of the selected channel number n. Bipolar violation can
be inserted either in the QRSS pattern, or input data when
operating in single-rail mode. The state of this bit is sampled
on the rising edge of the respective TCLK_n.
NOTE:
To ensure the insertion of a bipolar violation, a “0”
should be written in this bit location before writing a
“1”.
R/W
0
D1
INSBER_n
Insert Bit Error: With TDQRSS enabled, when this bit transi-
tions from “0” to “1”, a bit error will be inserted in the transmit-
ted QRSS pattern of the selected channel number n. The state
of this bit is sampled on the rising edge of the respective
TCLK_n.
NOTE: To ensure the insertion of bit error, a “0” should be
written in this bit location before writing a “1”.
R/W
0
D0
TRATIO_n
Transformer Ratio Select: In the external termination mode,
writing a “1” to this bit selects a transformer ratio of 1:2 for the
transmitter. Writing a “0” sets the transmitter transformer ratio
to 1:2.45. In the internal termination mode the transmitter
transformer ratio is permanently set to 1:2 and the state of this
bit has no effect.
R/W
0
TABLE 22: MICROPROCESSOR REGISTER #3, BIT DESCRIPTION
RXRE S1_n
0
0
R equired Fixed E xternal
RX Resistor
N o external Fixed
R esistor
240
Ω
RXRE S0_n
0
1
1
1
210
Ω
150
Ω
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com