Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 12 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 12 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 8Page - Exar Corporation XRT83SL34IV Datasheet HTML 9Page - Exar Corporation XRT83SL34IV Datasheet HTML 10Page - Exar Corporation XRT83SL34IV Datasheet HTML 11Page - Exar Corporation XRT83SL34IV Datasheet HTML 12Page - Exar Corporation XRT83SL34IV Datasheet HTML 13Page - Exar Corporation XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation XRT83SL34IV Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
9
µPTS1
µPTS2
RCLKE
TCLKE
106
107
106
107
I
Microprocessor Type Select Input Pins - Host Mode:
Microprocessor Type Select Input Bit 1
Microprocessor Type Select Input Bit 2
Receive Clock Edge select - Hardware mode
See “Receive Clock Edge - Hardware Mode” on page 5.
Transmit Clock Edge select - Hardware mode
See “Transmit Clock Edge - Hardware Mode” on page 6.
NOTE: These pins are internally pulled “Low” with a 50k
Ω resistor.
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]/
D[1]/
D[0]/
LOOP1_0
LOOP0_0
LOOP1_1
LOOP0_1
LOOP1_2
LOOP0_2
LOOP1_3
LOOP0_3
42
43
44
45
46
47
48
49
42
43
44
45
46
47
48
49
I/O
Microprocessor Read/Write Data Bus Pins - Host Mode
Data Bus[7]
Data Bus[6]
Data Bus[5]
Data Bus[4]
Data Bus[3]
Data Bus[2]
Data Bus[1]
Data Bus[0]
Loop-back Control pin, Bits [1:0]_Channel_n - Hardware Mode
Pins 42 - 49 control which Loop-Back mode is selected per channel. See
“Loop-Back Control Pins - Hardware Mode:” on page 14.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
µPCLK
ATAOS
50
I
Microprocessor Clock Input - Host Mode
Input clock for synchronous microprocessor operation. Maximum clock rate
is 54 MHz.
NOTE: This pin is internally pulled “Low” for asynchronous microprocessor
interface when no clock is present.
Automatic Transmit "All Ones” - Hardware mode
This pin functions as an Automatic Transmit “All Ones”. See “Automatic
Transmit “All Ones” Pattern - Hardware Mode” on page 13.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
µPTS2
µPTS1
0
0
0
1
1
0
µP Type
68H C 11, 8051, 80C 188 (a syn c.)
M o to ro la 6 8 K (a syn c.)
In te l x8 6 (syn c.)
M o to ro la 860 (syn c.)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com