Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 26 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 26 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 22Page - Exar Corporation XRT83SL34IV Datasheet HTML 23Page - Exar Corporation XRT83SL34IV Datasheet HTML 24Page - Exar Corporation XRT83SL34IV Datasheet HTML 25Page - Exar Corporation XRT83SL34IV Datasheet HTML 26Page - Exar Corporation XRT83SL34IV Datasheet HTML 27Page - Exar Corporation XRT83SL34IV Datasheet HTML 28Page - Exar Corporation XRT83SL34IV Datasheet HTML 29Page - Exar Corporation XRT83SL34IV Datasheet HTML 30Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
23
ARBITRARY PULSE GENERATORFOR T1 AND E1
The arbitrary pulse generator divides the pulse into eight individual segments. Each segment is set by a 7-Bit
binary word by programming the appropriate channel register. This allows the system designer to set the
overshoot, amplitude, and undershoot for a unique line build out. The MSB (bit 7) is a sign-bit. If the sign-bit is
set to “1”, the segment will move in a positive direction relative to a flat line (zero) condition. If this sign-bit is set
to “0”, the segment will move in a negative direction relative to a flat line condition. A pulse with numbered
segments is shown in Figure 9.
NOTE: By default, the arbitrary segments are programmed to 0x00h. The transmitter outputs will result in an all zero pattern
to the line.
TRANSMITTER
Each individual transmitter channel can be turned on or off in both Hardware and Host modes.
DIGITAL DATA FORMAT
Both the transmitter and receiver can be configured to operate in dual or single-rail data formats. This feature
is available under both Hardware and Host control modes, on a global basis. The dual or single-rail data
format is determined by the state of the SR/DR pin in Hardware mode or SR/DR interface bit in the Host
mode. In single-rail mode, transmit clock and NRZ data are applied to TCLK_n and TPOS_n/TDATA_n pins
respectively. In single-rail and Hardware mode the TNEG_n/CODES_n input can be used as the CODES
function. With TNEG_n/CODES_n tied “Low”, HDB3 or B8ZS encoding and decoding are enabled for E1 and
T1 modes respectively. With TNEG_n/CODES_n tied “High”, the AMI coding scheme is selected. In both dual
or single-rail modes of operations, the transmitter converts digital input data to a bipolar format before being
transmitted to the line.
TRANSMIT CLOCK (TCLK) SAMPLING EDGE
Serial transmit data at TPOS_n/TDATA_n and TNEG_n/CODES_n are clocked into the XRT83SL34 under the
synchronization of TCLK_n. With a “0” written to the TCLKE interface bit, or by pulling the TCLKE pin “Low”,
input data is sampled on the falling edge of TCLK_n. The sampling edge is inverted with a “1” written to TCLKE
interface bit, or by connecting the TCLKE pin “High”.
FIGURE 9. ARBITRARY PULSE SEGMENT ASSIGNMENT
1
2
3
4
5
6
7
8
Segment
Register
1
0xn8
2
0xn9
3
0xna
4
0xnb
5
0xnc
6
0xnd
7
0xne
8
0xnf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com