Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 68 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 68 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 64Page - Exar Corporation XRT83SL34IV Datasheet HTML 65Page - Exar Corporation XRT83SL34IV Datasheet HTML 66Page - Exar Corporation XRT83SL34IV Datasheet HTML 67Page - Exar Corporation XRT83SL34IV Datasheet HTML 68Page - Exar Corporation XRT83SL34IV Datasheet HTML 69Page - Exar Corporation XRT83SL34IV Datasheet HTML 70Page - Exar Corporation XRT83SL34IV Datasheet HTML 71Page - Exar Corporation XRT83SL34IV Datasheet HTML 72Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
65
D3
SL_1
Slicer Level Control bit 1: This bit and bit D2 control the slic-
ing level for the slicer per the following table.
R/W
0
D2
SL_0
Slicer Level Control bit 0: See description bit D3.
R/W
0
D1
EQG_1
Equalizer Gain Control bit 1: This bit together with bit D0
control the gain of the equalizer as shown in the table below.
R/W
0
D0
EQG_0
Equalizer Gain Control bit 0: See description of bit D1
R/W
0
TABLE 37: MICROPROCESSOR REGISTER #66, BIT DESCRIPTION
SL_1
SL_0
0
0
0
1
1
0
1
1
Slicer Mode
Normal
Decrease by 5% from Normal
Increase by 5% from Normal
Normal
EQG_1
EQG_0
0
0
0
1
1
0
1
1
Equalizer Gain
Normal
Reduce Gain by 1 dB
Reduce Gain by 3 dB
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com