Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation XRT83SL34IV Datasheet HTML 16Page - Exar Corporation XRT83SL34IV Datasheet HTML 17Page - Exar Corporation XRT83SL34IV Datasheet HTML 18Page - Exar Corporation XRT83SL34IV Datasheet HTML 19Page - Exar Corporation XRT83SL34IV Datasheet HTML 20Page - Exar Corporation XRT83SL34IV Datasheet HTML 21Page - Exar Corporation XRT83SL34IV Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
15
EQC4
EQC3
EQC2
EQC1
EQC0
A[4]
A[3]
A[2]
A[1]
A[0]
59
60
61
62
63
59
60
61
62
63
I
Equalizer Control Input 4 - Hardware Mode
This pin together with EQC[3:0] are used for controlling the transmit pulse
shaping, transmit line build-out (LBO), receive monitoring and also to select
T1, E1 or J1 Modes of operation. See Table 4 for description of Transmit
Equalizer Control bits.
Equalizer Control Input 3
Equalizer Control Input 2
Equalizer Control Input 1
Equalizer Control Input 0
NOTES:
1.
In Hardware mode all transmit channels share the same pulse
setting controls function.
2.
All channels of an XRT83SL34 must operate at the same clock rate,
either the T1, E1 or J1 modes.
Microprocessor Address bits [4:0] - Host Mode
See “Microprocessor Address Pins - Host mode:” on page 10.
NOTE: Internally pulled “Low” with a 50k
Ω resistor for all channels.
RXTSEL
110
I
Receiver Termination Select
In Hardware mode, when this pin is “Low” the receive line termination is
determined only by the external resistor. When “High”, the receive termina-
tion is realized by internal resistors or the combination of internal and exter-
nal resistors. These conditions are described in the table below.
NOTE: In Hardware mode all channels share the same RXTSEL control
function.
In Host mode, the RXTSEL_n bits in the channel control registers deter-
mines if the receiver termination is external or internal. However the function
of RXTSEL can be transferred to the Hardware pin by setting the TERCNTL
bit (bit 4) to “1” in the register 66 address hex 0x42.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
TXTSEL
111
I
Transmit Termination Select - Hardware Mode
When this pin is “Low” the transmit line termination is determined only by an
external resistor. When “High”, the transmit termination is realized only by
the internal resistor.
NOTES:
1.
This pin is internally pulled "Low" with a 50k
Ω resistor.
2.
In Hardware Mode all channels share the same TXTSEL control
function.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
RXTSEL
RX Termination
0
1
External
Internal
TXTSEL
TX Termination
0
1
External
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com