Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 40Page - Exar Corporation XRT83SL34IV Datasheet HTML 41Page - Exar Corporation XRT83SL34IV Datasheet HTML 42Page - Exar Corporation XRT83SL34IV Datasheet HTML 43Page - Exar Corporation XRT83SL34IV Datasheet HTML 44Page - Exar Corporation XRT83SL34IV Datasheet HTML 45Page - Exar Corporation XRT83SL34IV Datasheet HTML 46Page - Exar Corporation XRT83SL34IV Datasheet HTML 47Page - Exar Corporation XRT83SL34IV Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
41
MICROPROCESSOR PARALLEL INTERFACE
XRT83SL34 is equipped with a microprocessor interface for easy device configuration. The parallel port of the
XRT83SL34 is compatible with both Intel and Motorola address and data buses. The XRT83SL34 has an 8-bit
address A[7:0] input and 8-bit bi-directional data bus D[7:0]. The signals required for a generic microprocessor
to access the internal registers are described in Table 16.
TABLE 16: MICROPROCESSOR INTERFACE SIGNAL DESCRIPTION
D[7:0]
Data Input (Output): 8 bits bi-directional Read/Write data bus for register access.
A[7:0]
Address Input: 8 bit address to select internal register location.
µPTS1
µPTS2
Microprocessor Type Select:
µPCLK
Microprocessor Clock Input: Input clock for synchronous microprocessor operation. Maximum
clock speed is 54MHz. This pin is internally pulled “Low” for asynchronous microprocessor operation
when no clock is present.
ALE_AS
Address Latch Input (Address Strobe):
-Intel bus timing, the address inputs are latched into the internal register on the falling edge of ALE.
-Motorola bus timing, the address inputs are latched into the internal register on the falling edge of
AS.
CS
Chip Select Input: This signal must be “Low” in order to access the parallel port.
RD_DS
Read Input (Data Strobe):
-Intel bus timing, a “Low” pulse on RD selects a read operation when CS pin is “Low”.
-Motorola bus timing, a “Low” pulse on DS indicates a read or write operation when CS pin is “Low”.
WR_R/W
Write Input (Read/Write):
-Intel bus timing, a “Low” pulse on WR selects a write operation when CS pin is “Low”.
-Motorola bus timing, a “High” pulse on R/W selects a read operation and a “Low” pulse on R/W
selects a write operation when CS pin is “Low”.
RDY_DTACK
Ready Output (Data Transfer Acknowledge Output):
-Intel bus timing, RDY is asserted “High” to indicate the XRT83SL34 has completed a read or write
operation.
-Motorola bus timing, DTACK is asserted “Low” to indicate the XRT83SL34 has completed a read or
write operation.
INT
Interrupt Output: This pin is asserted “Low” to indicate an interrupt caused by an alarm condition in
the device status registers. The activation of this pin can be blocked by setting the GIE bit to “0” in the
Command Control register.
µPTS2
µPTS1
0
0
0
1
1
0
µP Type
68H C 11, 8051, 80C 188 (a syn c.)
M o to ro la 6 8 K (a syn c.)
In te l x8 6 (syn c.)
In te l i960, M o to ro la 860 (syn c.)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com