Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 61Page - Exar Corporation XRT83SL34IV Datasheet HTML 62Page - Exar Corporation XRT83SL34IV Datasheet HTML 63Page - Exar Corporation XRT83SL34IV Datasheet HTML 64Page - Exar Corporation XRT83SL34IV Datasheet HTML 65Page - Exar Corporation XRT83SL34IV Datasheet HTML 66Page - Exar Corporation XRT83SL34IV Datasheet HTML 67Page - Exar Corporation XRT83SL34IV Datasheet HTML 68Page - Exar Corporation XRT83SL34IV Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
62
CLOCK SELECT REGISTER
The input clock source is used to generate all the necessary clock references internally to the LIU. The
microprocessor timing is derived from a PLL output which is chosen by programming the Clock Select Bits and
the Master Clock Rate in register 0x41h. Therefore, if the clock selection bits or the MCLRATE bit are being
programmed, the frequency of the PLL output will be adjusted accordingly.
During this adjustment, it is
important to "Not" write to any other bit location within the same register while selecting the input/output clock
frequency. For best results, when bits D[6:3] are being changed, the other bits D[7] and D[2:0] as shown in
Figure 23. should retain their previous values.
FIGURE 23. REGISTER 0X81H SUB REGISTERS
Programming Examples:
Example 1: Changing bits D[6:3]
If bits D[6:3] are the only values within the register that will change in a WRITE process, the microprocessor
only needs to initiate ONE write operation.
Example 2: Changing bits D[7] and D[2:0]
If bits D[7] and D[2:0] are the only values within the register that will change in a WRITE process, the
microprocessor only needs to initiate ONE write operation.
Example 3: Changing bits within D[6:3] and the other bits
In this scenario, one must initiate TWO write operations such that bits D[6:3] and the other bits do not change
within ONE write cycle. It is recommended that bits D[6:0] and the other bits be treated as two independent
sub-registers. One can either change the clock selection bits and then change bits D[7] and D[2:0] on the
SECOND write, or vice-versa. No order or sequence is necessary.
D0
D1
D2
D3
D4
D5
D6
D7
Clock Selection Bits
ExLOS, ICT
E1arben



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com