Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 9Page - Exar Corporation XRT83SL34IV Datasheet HTML 10Page - Exar Corporation XRT83SL34IV Datasheet HTML 11Page - Exar Corporation XRT83SL34IV Datasheet HTML 12Page - Exar Corporation XRT83SL34IV Datasheet HTML 13Page - Exar Corporation XRT83SL34IV Datasheet HTML 14Page - Exar Corporation XRT83SL34IV Datasheet HTML 15Page - Exar Corporation XRT83SL34IV Datasheet HTML 16Page - Exar Corporation XRT83SL34IV Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
10
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
JASEL1
JASEL0
EQC4
EQC3
EQC2
EQC1
EQC0
57
58
59
60
61
62
63
57
58
59
60
61
62
63
I
Microprocessor Address Pins - Host mode:
Microprocessor Interface Address Bus[6]
Microprocessor Interface Address Bus[5]
Microprocessor Interface Address Bus[4]
Microprocessor Interface Address Bus[3]
Microprocessor Interface Address Bus[2]
Microprocessor Interface Address Bus[1]
Microprocessor Interface Address Bus[0]
Jitter Attenuator Select Pins - Hardware Mode
Jitter Attenuator select pin 1
Jitter Attenuatore select pin 0
See “Jitter Attenuator” on page 11.
Equalizer Control Pins - Hardware Mode
Equalizer Control Input pin 4
Equalizer Control Input pin 3
Equalizer Control Input pin 2
Equalizer Control Input pin 1
Equalizer Control Input pin 0
Pins EQC[4:0] select the Receive Equalizer and Transmitter Line Build Out.
See “Alarm Function//Redundancy Support” on page 13.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
INT
TRATIO
119
119
I
Interrupt Output - Host Mode
This pin goes “Low” to indicate an alarm condition has occurred within the
device. Interrupt generation can be globally disabled by setting the GIE bit to
"0" in the command control register.
Transmitter Transformer Ratio Select - Hardware mode
The function of this pin is to select the transmitter transformer ratio. See
“Alarm Function//Redundancy Support” on page 13.
NOTE: This pin is an open drain output and requires an external 10k
Ω pull-
up resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com