Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL34IV Datasheet(PDF) 57 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 57 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 53Page - Exar Corporation XRT83SL34IV Datasheet HTML 54Page - Exar Corporation XRT83SL34IV Datasheet HTML 55Page - Exar Corporation XRT83SL34IV Datasheet HTML 56Page - Exar Corporation XRT83SL34IV Datasheet HTML 57Page - Exar Corporation XRT83SL34IV Datasheet HTML 58Page - Exar Corporation XRT83SL34IV Datasheet HTML 59Page - Exar Corporation XRT83SL34IV Datasheet HTML 60Page - Exar Corporation XRT83SL34IV Datasheet HTML 61Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
54
D3
NLCD_n
Network Loop-Code Detection:
This bit operates differently in the Manual or the Automatic
Network Loop-Code detection modes.
In the Manual Loop-Code detection mode, (NLCDE1 = “0”
and NLCDE0 = “1” or NLCDE1 = “1” and NLCDE0 = “0”) this
bit gets set to “1” as soon as the Loop-Up (“00001”) or Loop-
Down (“001”) code is detected in the receive data for longer
than 5 seconds. The NLCD bit stays in the “1” state for as long
as the chip detects the presence of the Loop-code in the
receive data and it is reset to “0” as soon as it stops receiving
it. In this mode, if the NLCD interrupt is enabled, the chip will
initiate an interrupt on every transition of the NLCD.
When the Automatic Loop-code detection mode, (NLCDE1
= “1” and NLCDE0 =”1”) is initiated, the state of the NLCD
interface bit is reset to “0” and the chip is programmed to mon-
itor the receive input data for the Loop-Up code. This bit is set
to a “1” to indicate that the Network Loop Code is detected for
more than 5 seconds. Simultaneously the Remote Loop-Back
condition is automatically activated and the chip is pro-
grammed to monitor the receive data for the Network Loop
Down code. The NLCD bit stays in the “1” state for as long as
the Remote Loop-Back condition is in effect even if the chip
stops receiving the Loop-Up code. Remote Loop-Back is
removed if the chip detects the “001” pattern for longer than 5
seconds in the receive data.Detecting the “001” pattern also
results in resetting the NLCD interface bit and initiating an
interrupt provided the NLCD interrupt enable bit is active.
When programmed in Automatic detection mode, the
NLCD interface bit stays “High” for the entire time the Remote
Loop-Back is active and initiate an interrupt anytime the status
of the NLCD bit changes. In this mode, the Host can monitor
the state of the NLCD bit to determine if the Remote Loop-
Back is activated.
RO
0
D2
AISD_n
Alarm Indication Signal Detect: This bit is set to a “1” to indi-
cate All Ones Signal is detected by the receiver. The value of
this bit is based on the current status of Alarm Indication Sig-
nal detector of channel n. If the AISDIE bit is enabled, any
transition on this bit will generate an Interrupt.
RO
0
D1
RLOS_n
Receive Loss of Signal: This bit is set to a “1” to indicate that
the receive input signal is lost. The value of this bit is based on
the current status of the receive input signal of channel n. If the
RLOSIE bit is enabled, any transition on this bit will generate
an Interrupt.
RO
0
D0
QRPD_n
Quasi-random Pattern Detection: This bit is set to a “1” to
indicate the receiver is currently in synchronization with QRSS
pattern. The value of this bit is based on the current status of
Quasi-random pattern detector of channel n. If the QRPDIE bit
is enabled, any transition on this bit will generate an Interrupt.
RO
0
TABLE 24: MICROPROCESSOR REGISTER #5, BIT DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com