Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 51Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 52Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 53Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 54Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
55
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.4
CONFIGURATION AND CALIBRATION REGISTERS
5.4.1
CONFIGURATION REGISTERS
PLconstH
High Word of PL_Constant
Table-6 Configuration Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Power-on Value and Comments
Configuration Registers
31H
PLconstH
R/W
High Word of PL_Constant
0861H
32H
PLconstL
R/W
Low Word of PL_Constant
C468H
33H
MMode0
R/W
HPF/Integrator On/Off, CF and all-phase
energy computation configuration
0087H
34H
MMode1
R/W
Pga Gain Configuration
0000H
35H
PStartTh
R/W
Active Startup Power Threshold.
0000H.
16 bit unsigned integer, Unit:
0.00032 Watt
36H
QStartTh
R/W
Reactive Startup Power Threshold.
0000H
16 bit unsigned integer, Unit:
0.00032 var
37H
SStartTh
R/W
Apparent Startup Power Threshold.
0000H
16 bit unsigned integer, Unit:
0.00032 VA
38H
PPhaseTh
R/W
Startup power threshold (for |P|+|Q| of a
phase) for any phase participating Active E
nergy Accumulation. Common for phase A/
B/C.
0000H
16 bit unsigned integer,
Unit: 0.00032 Watt/var
39H
QPhaseTh
R/W
Startup power threshold (for |P|+|Q| of a
phase) for any phase participating ReAc-
tive Energy Accumulation. Common for
phase A/B/C.
0000H
16bit unsigned integer,
Unit: 0.00032 Watt/var
3AH
SPhaseTh
RW
Startup power threshold (for |P|+|Q| of a
phase) for any phase participating Appar-
ent Energy Accumulation. Common for
phase A/B/C.
0000H
16 bit unsigned integer,
Unit: 0.00032 Watt/var
Address: 31H
Type: Read/Write
Default Value: 0861H
Bit
Name
Description
15:0
PLcon-
stH[15:0]
The PLconstH[15:0] and PLconstL[15:0] bits are high word and low word of PL_Constant respectively.
PL_Constant is a constant which is proportional to the sampling ratios of voltage and current, and
inversely proportional to the Meter Constant. PL_Constant is a threshold for energy calculated inside the
chip, i.e., energy larger than PL_Constant will be accumulated as 0.01CFx in the corresponding energy
registers and then output on CFx if one CF reaches.
It is suggested to set PL_constant as a multiple of 4 so as to double or redouble Meter Constant in low
current state to save verification time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com