Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 66Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
67
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.5
ENERGY REGISTER
5.5.1
REGULAR ENERGY REGISTERS
Table-11 Regular Energy Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Comment
80H
APenergyT
R/C
Total Forward Active Energy
Resolution is 0.01CF. Cleared after
read.
81H
APenergyA
R/C
Phase A Forward Active Energy
82H
APenergyB
R/C
Phase B Forward Active Energy
83H
APenergyC
R/C
Phase C Forward Active Energy
84H
ANenergyT
R/C
Total Reverse Active Energy
85H
ANenergyA
R/C
Phase A Reverse Active Energy
86H
ANenergyB
R/C
Phase B Reverse Active Energy
87H
ANenergyC
R/C
Phase C Reverse Active Energy
88H
RPenergyT
R/C
Total Forward Reactive Energy
89H
RPenergyA
R/C
Phase A Forward Reactive Energy
8AH
RPenergyB
R/C
Phase B Forward Reactive Energy
8BH
RPenergyC
R/C
Phase C Forward Reactive Energy
8CH
RNenergyT
R/C
Total Reverse Reactive Energy
8DH
RNenergyA
R/C
Phase A Reverse Reactive Energy
8EH
RNenergyB
R/C
Phase B Reverse Reactive Energy
8FH
RNenergyC
R/C
Phase C Reverse Reactive Energy
90H
SAenergyT
R/C
Total (Arithmetic Sum) Apparent E
nergy
91H
SenergyA
R/C
Phase A Apparent Energy
92H
SenergyB
R/C
Phase B Apparent Energy
93H
SenergyC
R/C
Phase C Apparent Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com