Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 15Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
19
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
3.7.2
INSTANTANEOUS SIGNAL RELATED STATUS AND EVENTS
The registers involved are OVth, OIth, SagTh, PhaseLossTh and SagPeakDetCfg.
The result can be reflected in EMMState0 and EMMState1 registers, as well as EMMIntState0 and EMMIntState1 registers
if the corresponding bits in EMMIntEn0/EMMIntEn1 registers are set.
The threshold value has the following relationship with the RMS register (MSB-16bit):
Here VIgain is Ugain register value or Igain register value.
3.7.2.1
Sag Detection
Usually in the application the Sag threshold is set to be 78% of the reference voltage. The M90E32AS generates Sag event
when there are less than three 8KHz samples (absolute value) greater than the sag threshold in one detecting period.
Refer to 6.6 Voltage Sag and Phase Loss Timing. The detecting period length can be configured by the Sag_Period bits
(b7~0, SagPeakDetCfg).
Sag status is asserted when there is no voltage instantaneous sample's absolute value goes beyond the Sag threshold in
any phase. Sag status is cleared when there are three samples detected with absolute value above the Sag threshold.
For the computation of Sag threshold register value, refer to application note 46103.
The Sag event is captured by the SagPhaseIntST bits (b14-12, EMMIntState1). If the corresponding IRQ enable bits the
SagPhaseIntEN bits (b14-12, EMMIntEn1) is set, IRQ can be generated. Refer to Figure-26.
3.7.2.2
Phase Loss Detection
The phase loss detection detects if there is one or more phases’ voltage is less than the phase-loss threshold voltage.
The processing and handling is similar to sag detection, only the threshold is different. The threshold computation flow is
also similar. The typical threshold setting could be 10% Un or less.
If any phase line is detected as in phase-loss mode, that phase’s zero-crossing detection function (both voltage and cur-
rent) is disabled.
3.7.2.3
Over Voltage (OV) Detection
When any phase's absolute voltage sample instantaneous value goes beyond the over voltage threshold, the Over Voltage
status is asserted. The status is de-asserted when the voltage sample instantaneous value go back below the over voltage
threshold.
Change of the Over Voltage status can generate interrupt and flagged in the EMMState0 and EMMIntState0 registers.
3.7.2.4
Over Current (OI) Detection
When any phase's absolute current sample instantaneous value go beyond the over current threshold, the Over Current
status is asserted. The status is de-asserted when the current sample instantaneous value go back below the over current
threshold.
Change of the Over Current status can generate interrupt and flagged in the EMMState0 and EMMIntState0 registers.
2
VIgain
2
e
RmsRegValu
=
ue
xxThRegVal
14
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com