Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
23
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
OSCI
OSCO
I
O
OSC
Oscillator powered down.
OSCO stays at fixed (low) level.
ZX0
ZX1
ZX2
OLVTTL
0
CF1
CF2
CF3
CF4
OLVTTL
0
WarnOut
O
LVTTL
0
IRQ0
IRQ1
OLVTTL
0
VDD18
I
Power
Regulated 1.8V: high impedance
DVDD
I
Power
Digital Power Supply: powered by system
AVDD
I
Power
Analog Power Supply: powered by system
Test
I
Input
Always tie to ground in system application
Table-3 Digital I/O and Power Pin States in Idle Mode (Continued)
Name
I/O type
Type
Pin State in Idle Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com