Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 29Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 30Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 31Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 32Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 33Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 34Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 35Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 36Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
33
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
22H
F0
R/W
Nominal Frequency
P52
23H
T0
R/W
Nominal Temperature
P52
24H
PhiAIrms01
R/W
Phase A Phase Compensation for Current
Segment 0 and 1
P52
25H
PhiAIrms2
R/W
Phase A Phase Compensation for Current
Segment 2
P52
26H
GainAIrms01
R/W
Phase A Gain Compensation for Current Seg-
ment 0 and 1
P53
27H
GainAIrms2
R/W
Phase A Gain Compensation for Current Seg-
ment 2
P53
28H
PhiBIrms01
R/W
Phase B Phase Compensation for Current
Segment 0 and 1
P53
29H
PhiBIrms2
R/W
Phase B Phase Compensation for Current
Segment 2
P54
2AH
GainBIrms01
R/W
Phase B Gain Compensation for Current Seg-
ment 0 and 1
P53
2BH
GainBIrms2
R/W
Phase B Gain Compensation for Current Seg-
ment 2
P54
2CH
PhiCIrms01
R/W
Phase C Phase Compensation for Current
Segment 0 and 1
P54
2DH
PhiCIrms2
R/W
Phase C Phase Compensation for Current
Segment 2
P54
2EH
GainCIrms01
R/W
Phase C Gain Compensation for Current Seg-
ment 0 and 1
P54
2FH
GainCIrms2
R/W
Phase C Gain Compensation for Current Seg-
ment 2
P54
Configuration Registers
31H
PLconstH
R/W
High Word of PL_Constant
Refer to Table-6.
P55
32H
PLconstL
R/W
Low Word of PL_Constant
P56
33H
MMode0
R/W
Metering Method Configuration
P56
34H
MMode1
R/W
PGA Gain Configuration
P57
35H
PStartTh
R/W
Active Startup Power Threshold
36H
QStartTh
R/W
Reactive Startup Power Threshold
37H
SStartTh
R/W
Apparent Startup Power Threshold
38H
PPhaseTh
R/W
Startup Power Threshold for Any Phase
(Active Energy Accumulation)
39H
QPhaseTh
R/W
Startup Power Threshold for Any Phase
(ReActive Energy Accumulation)
3AH
SPhaseTh
R/W
Startup Power Threshold for Any Phase
(Apparent Energy Accumulation)
Table-5 Register List (Continued)
Register
Address
Register Name
Read/
Write
Type
Functional Description
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com