Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 66Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
66
CRCErrStatus
CRC Error Status
CRCDigest
CRC Digest
CfgRegAccEn
Configure Register Access Enable
Address: 79H
Type: Read
Default Value: 0000H
Bit
Name
Description
15:2
-
Reserved.
1
INT_ERR
Internal register CRC error
0
CFG_CRC_E
RR
Configuration registers CRC error
Address: 7AH
Type: Read/ Write
Default Value: 0000H
Bit
Name
Description
15:0
CRCDigest
This register returns the computed CRC remainder (Digest) value of the public configuration register upon
read operation.
This register can be conditionally written as the portal to update the golden CRC that internally latched.
Refer to register CfgRegAccEn for the details.
Address: 7FH
Type: Read/ Write
Default Value: 0000H
Bit
Name
Description
15:0
CfgRegAccEn
Enable register access configuration.
‘0x55AA’ : Allow register configuration access (configuration operation).
‘0xAA55’: Allow write to the "Golden CRC" register at the address of CRCDigest, on top of normal
operation/CRC checking mode. This is just for validation of this feature.
other: Normal operation. The device will start to compute a CRC digest/checksum and latch it the golden
CRC register, then continuously running to check with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com