Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
71
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.6.3
PEAK, FREQUENCY, ANGLE AND TEMPERATURE REGISTERS
UPeakA
Channel A Voltage Peak
IPeakA
Channel A Current Peak
Table-15 Peak, Frequency, Angle and Temperature Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Comment
F1H
UPeakA
R
Channel A Voltage Peak
F2H
UPeakB
R
Channel B Voltage Peak
F3H
UPeakC
R
Channel C Voltage Peak
F5H
IPeakA
R
Channel A Current Peak
F6H
IPeakB
R
Channel B Current Peak
F7H
IPeakC
R
Channel C Current Peak
F8H
Freq
R
Frequency
1LSB corresponds to 0.01 Hz
F9H
PAngleA
R
Phase A Mean Phase Angle
Unsigned,
1LSB corresponds to 0.1 degree,
0°~+360.0°
FAH
PAngleB
R
Phase B Mean Phase Angle
FBH
PAngleC
R
Phase C Mean Phase Angle
FCH
Temp
R
Measured Temperature
1LSB corresponds to 1 °C
Signed, MSB as the sign bit
FDH
UangleA
R
Phase A Voltage Phase Angle
Always ‘0’
FEH
UangleB
R
Phase B Voltage Phase Angle
Unsigned,
1LSB corresponds to 0.1 degree,
0°~+360.0°
FFH
UangleC
R
Phase C Voltage Phase Angle
Address: F1H
Type: Read
Default Value: 0000H
Bit
Name
Description
15:0
UPeakDataA
Channel A voltage peak data detected in the configured period.
Component. Unit is V.
UPeak is calculated as below:
Here UgainRegValue is the register value of the Ugain (61H/65H/69H) register.
Address: F5H
Type: Read
Default Value: 0000H
Bit
Name
Description
15:0
IPeakDataA
Channel A current peak data detected in the configured period.
Component. Unit is A.
IPeak is calculated as below:
Here IgainRegValue is the register value of the Igain (62H/66H/6AH) register.
13
2
100
lue
UgainRegVa
lue
UPeakRegVa
=
UPeak
×
×
13
2
1000
lue
IgainRegVa
lue
IPeakRegVa
=
IPeak
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com