Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 9Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 10Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 11Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 14Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 15Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
13
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
Figure-4 Energy Accumulation Diagram
For all-phase-sum total of active, reactive and (arithmetic sum) apparent energy, the associated power is obtained by sum-
ming the power of the three phases. The accumulation method of all-phase-sum energy is determined by the EnPC/EnPB/
EnPA/ABSEnP/ABSEnQ bits (b0~b4, MMode0).
Note that the direction of all-phase-sum power and single-phase power might be different.
3.5.2
ENERGY REGISTERS
The M90E32AS meters non-decomposed total active, reactive and apparent energy, as well as decomposed active funda-
mental and harmonic energy. The registers are listed as below.
3.5.2.1
Total Energy Registers
Each phase and all-phase-sum has the following registers:
-
Active forward/ reverse
-
Reactive forward/ reverse
-
Apparent energy
Altogether there are 20 energy registers. Those registers are defined in 5.5.1 Regular Energy Registers.
3.5.2.2
Fundamental and Harmonic Energy Registers
The M90E32AS counts decomposed active fundamental and harmonic energy. Reactive energy is not decomposed to fun-
damental and harmonic.
The fundamental/harmonic energy is accumulated in the same way as active energy accumulation method described
above.
Registers:
-
Fundamental / harmonic
-
all-phase-sum / phase A / phase B / phase C
-
Forward / reverse
Altogether there are 16 energy registers. Refer to 5.5.2 Fundamental / Harmonic Energy Register.
CF Gen
Logic
CF pulse
Bi-directional
Energy
accumulator,
roll over
positive/
negative @
0.01CF
Forward
Energy
Accumulator
Backward
Energy
Accumulator
(-)0.01
CF
(+)0.01
CF
Phase-A
Phase-B
Phase-C
Per-
phase
Power
All-phase
sum Power
Pos-CF
Accumulator
Neg-CF
Accumulator
CF[1/2/34]RevST
Bi-directional
Energy
accumulator,
roll over
positive/
negative @
0.01CF
Forward
energy
accumulator
Backward
energy
accumulator
(-)0.01
CF
(+)0.01
CF
Bi-directional
Energy
accumulator,
roll over
positive/
negative @
0.01CF
Forward
energy
accumulator
Backward
energy
accumulator
(-)0.01
CF
(+)0.01
CF
Bi-directional
Energy
accumulator,
roll over
positive/
negative @
0.01CF
Forward
Energy
Accumulator
Backward
Energy
Accumulator
(-)0.01
CF
(+)0.01
CF
[P/Q]Ereg[A/B/C]PST
[P/Q]EregTPST
A/B/C
A/B/C
total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com