Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 14Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 15Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
17
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
3.6.5
PHASE ANGLE
Phase Angle measurement registers can be divided as below:
-
phase A / phase B / phase C
-
voltage / current
Altogether there are 6 phase angle registers. Refer to 5.6.3 Peak, Frequency, Angle and Temperature Registers.
Phase Angle is measured by the time-difference between the Voltage and Current channel of the same phase.
3.6.6
FREQUENCY
The frequency is measured basing on the zero-crossing point of voltage channels.
The phase A voltage signal zero-crossing will be used to compute the frequency. If phase A is in the SAG condition, phase
C will be used. If phase C is also in SAG condition, phase B will be used.
If all the phases are in the SAG condition, Frequency will be measured based on the channels which are not in phaseLoss
condition (with the same order). If all phases are lost, the frequency will return zero.
The frequency data is not averaged (updated cycle by cycle).
Refer to 5.6.3 Peak, Frequency, Angle and Temperature Registers.
3.6.7
TEMPERATURE
Chip Junction-Temperature is measured roughly every 100 ms by on-chip temperature sensor.
Refer to 5.6.3 Peak, Frequency, Angle and Temperature Registers.
3.6.8
PEAK VALUE
Altogether there are 6 peak value registers. Refer to 5.6.3 Peak, Frequency, Angle and Temperature Registers.
Refer to 3.7.1 Instantaneous Signal Monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com