Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 27Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 28Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 29Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
26
3.8.5
TRANSITION OF POWER MODES
The above power modes are controlled by the PM0 and PM1 pins. In application, the PM0 and PM1 pins are connected to
external MCU. The PM0 and PM1 pins have internal RC- filters.
Generally, the M90E32AS stays in Idle mode most of the time while outage. It enters Detection mode at a certain interval
(for example 5s) as controlled by the MCU. It informs the MCU if the current exceeds the configured threshold. The MCU
then commands the M90E32AS to enter Partial Measurement mode at a certain interval (e.g. 60s) to read related current.
After current reading, the M90E32AS gets back to the Idle mode.
The measured current may be used to count energy according to some metering model (like current RMS multiplying the
rated voltage to compute the power).
Any power mode transition goes through the Idle mode, as shown in Figure-14.
Figure-14 Power Mode Transition
Normal Mode
Idle Mode
Detection Mode
Partial
Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com