Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
74
6.2
METERING/ MEASUREMENT ACCURACY
6.2.1
METERING ACCURACY
Metering accuracy or energy accuracy is calculated with relative error:
Where Emea is the energy measured by the meter, Ereal is the actual energy measured by a high accurate normative meter.
Table-16 Metering Accuracy for Different Energy within the Dynamic Range
Energy Type
Energy Pulse
ADC Range
When Gain=1
Metering Accuracy
note
Active energy
(Per phase and all-phase-sum)
CF1
PF=1.0 120
μV-720mV
0.1%
PF=0.5L, 180
μV-720mV
PF=0.8C, 150
μV-720mV
Reactive energy
(Per phase and all-phase-sum)
CF2
sinФ=1.0 120
μV-720mV
0.2%
sinФ=0.5L, 180
μV-720mV
sinФ=0.8C, 150
μV-720mV
Apparent energy
(Per phase and arithmetic all-phase-
sum)
CF2
600
μV-720mV
note 2
0.2%
Fundamental active energy
(Per phase and all-phase-sum)
CF3
PF=1.0 120
μV-720mV
0.2%
PF=0.5L, 180
μV-720mV
PF=0.8C, 150
μV-720mV
Harmonic active energy
(Per phase and all-phase-sum)
CF4
PF=1.0 120
μV-720mV
0.5%
PF=0.5L, 180
μV-720mV
PF=0.8C, 150
μV-720mV
Note 1: All the parameters in this table is tested on Atmel test platform.
Note 2: Apparent energy is tested using active energy with unity power factor since there’s no standard for apparent energy. Signal
below 600
μV is not tested.
%
100
×
−
=
real
real
mea
E
E
E
γ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com