Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 27Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 28Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
25
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
3.8.4
PARTIAL MEASUREMENT MODE (M MODE)
In this mode, all the measurements are through the same hardware that does the measurement in the normal mode. To
save power, the energy accumulation block and a portion of the DSP computation code will not be running in this mode.
In this mode, There are configuration bits in the PMPwrCtrl register to get lower power if the application allows:
•
Option to turn-off the three analog voltage channel if there is no need to measure voltage and power.
•
Option to lower down the digital clock from 16.384Mhz to 8.192MHz
In Partial Measurement mode, CRC checking will be disabled. The interrupts will not be generated.
Figure-13 Block Diagram in Partial Measurement mode
VDD18 Regulator
Temperature Sensor
Current Detector
ADC-V1
ADC-V2
ADC-V3
ADC-I1
ADC-I2
ADC-I3
SPI Interface
DSP
Energy Metering
(Forward/Reverse
Active/Reactive/CF Generator)
Measure and Monitoring
(V/I/rms / SAG / Phase /
Frequency)
Control Logic
Zero
Crossing
CF Out
Power On Reset
Crystal Oscillator
On-chip
Reference Voltage
Vref
I1P / I1N
V1P / V1N
CS
SCLK
SDO
SDI
OSCI
OSCO
RESET
CF1
ZX0
I2P / I2N
I3P / I3N
V2P / V2N
V3P / V3N
CF2
CF3
CF4
ZX1
ZX2
Power Mode
Configuration
PM1
PM0
IRQ
WarnOut
IRQ0
IRQ1
Warn
Out
Flexible Piece-wise Non-linear
Compensation
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com