Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
73
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
SPI
Slave mode (SPI) bit rate
400
1100k
note2
bps
ESD
Charged Device Model (CDM)
500
V
JESD22-C101
Human Body Model (HBM)
4000
V
JESD22-A114
Latch Up
±
100
mA
JESD78A
Latch Up
5.4
V
JESD78A
DC Characteristics
Digital Input High Level (all digital pins except
OSCI)
2.0
5.5
V
VDD=3.3V, 5V digital input compatible
Digital Input Low Level (all digital pins except
OSCI)
0.8
V
VDD=3.3V
Digital Input Leakage Current
±
1
μA
VDD=3.6V, VI=VDD or GND
Digital Output Low Level (CF1, CF2, CF3, CF4,
ZX0, ZX1, ZX2, SDO)
0.4
V
VDD=3.3V, IOL=8mA
Digital Output Low Level (IRQ0, IRQ1, War-
nOut)
0.4
V
VDD=3.3V, IOL=5mA
Digital Output High Level (CF1, CF2, CF3, CF4,
ZX0, ZX1, ZX2, SDO)
VDD-0.4
V
VDD=3.3V, IOH=-8mA, by separately
Digital Output High Level (IRQ0, IRQ1, War-
nOut)
VDD-0.4
V
VDD=3.3V, IOH=-5mA, by separately
note1: Guaranteed by characterization, not production tested.
note2: The maximum SPI bit rate during current detector calibration is 900k bps.
Parameter
Min
Typ
Max
Unit
Test Condition/ Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com