Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 78Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 79Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
76
6.3
INTERFACE TIMING
6.3.1
SPI INTERFACE TIMING (SLAVE MODE)
The SPI interface timing is as shown in Figure-22 and Table-18.
Figure-22 SPI Timing Diagram
Table-18 SPI Timing Specification
Symbol
Description
Min.
Typical
Max.
Unit
tCSH
Minimum CS High Level Time
2T
note 1+10
ns
tCSS
CS Setup Time
2T+10
ns
tCSD
CS Hold Time
3T+10
ns
tCLD
Clock Disable Time
1T
ns
tCYC
SCLK cycle
7T+10
ns
tCLH
Clock High Level Time
5T+10
ns
tCLL
Clock Low Level Time
2T+10
ns
tDIS
Data Setup Time
2T+10
ns
tDIH
Data Hold Time
1T+10
ns
tDW
Minimum Data Width
3T+10
ns
tPD
Output Delay
2T+20
ns
tDF
Output Disable Time
2T+20
ns
Note:
1. T means system clock cycle. T=1/
fsys_clk
CS
SCLK
SDI
SDO
tCSH
tCSS
High Impedance
High Impedance
tCSD
tCLH
tCLL
tDIS tDIH
tPD
tDF
Valid Input
Valid Output
tCLD
tDW
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com