Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 66Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
64
EMMIntEn0
EMM Interrupt Enable 0
Address: 75H
Type: Read/ Write
Default Value: 0000H
Bit
Name
Description
15
OIPhaseAIntE
N
Phase A Over current status change interrupt generation enable
14
OIPhaseBIntE
N
Phase B Over current status change interrupt generation enable
13
OIPhaseCInt
EN
Phase C Over current status change interrupt generation enable
12
OVPhaseAInt
EN
Phase A Over Voltage status change interrupt generation enable
11
OVPhaseBInt
EN
Phase B Over Voltage status change interrupt generation enable
10
OVPhaseCInt
EN
Phase C Over Voltage status change interrupt generation enable
9
URevWnIntE
N
Voltage Phase Sequence Error Status Change Interrupt Generation Enable
8
IRevWnIntEN Current Phase Sequence Error Status Change Interrupt Generation Enable
7
INOv0IntEN Neutral line over current Status Change Interrupt Generation Enable
6
TQNoloadIntE
N
All phase sum reactive power no-load condition Status Change Interrupt Generation Enable
5
TPNoloadIntE
N
All phase sum active power no-load condition Status Change Interrupt Generation Enable
4
TASNoload-
IntEN
All phase arithmetic sum apparent power no-load condition Status Change Interrupt Generation Enable
3CF1RevIntEN Energy for CF1 Forward/Reverse Status Change Interrupt Generation Enable
2CF2RevIntEN Energy for CF2 Forward/Reverse Status Change Interrupt Generation Enable
1CF3RevIntEN Energy for CF3 Forward/Reverse Status Change Interrupt Generation Enable
0CF4RevIntEN Energy for CF4 Forward/Reverse Status Change Interrupt Generation Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com