Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 1 Page - ATMEL Corporation

  ATM90E32AS-AU-R Datasheet HTML 1Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 2Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 3Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 4Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 5Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 6Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 7Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 8Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
FEATURES
Metering Features
• Metering features fully in compliance with the requirements of IEC62052-11,
IEC62053-22 and IEC62053-23, ANSI C12.1 and ANSI C12.20; applicable in poly-
phase class 0.2S, 0.5S or class 1 watt-hour meter or class 2 var-hour meter.
• Accuracy of ±0.1% for active energy and ±0.2% for reactive energy over a
dynamic range of 6000:1.
• Temperature coefficient is 6 ppm/ ℃ (typ.) for on-chip reference voltage. Automati-
cally temperature compensated.
• Single-point calibration on each phase over the whole dynamic range for active
energy; no calibration needed for reactive/ apparent energy.
• ±1 ℃ (typ.) temperature sensor accuracy.
• Flexible piece-wise non-linearity compensation: three current (RMS value)-based
segments with two programmable thresholds for each phase. Independent gain and
phase angle compensation for each segment.
• Electrical parameters measurement: less than ±0.5% fiducial error for Vrms, Irms,
mean active/ reactive/ apparent power, frequency, power factor and phase angle.
• Active (forward/reverse), reactive (forward/reverse), apparent energy with indepen-
dent energy registers.
• Programmable startup and no-load power thresholds.
• 6 dedicated ADCs for phase A/B/C current and voltage sampling circuits. Current
sampled over Current Transformer (CT) or Rogowski coil (di/dt coil); voltage sam-
pled over resistor divider network.
• Programmable power modes: Normal, Idle, Detection and Partial Measurement
mode.
• Fundamental (0.2%) and harmonic (1%) active energy with dedicated energy /
power registers and independent energy outputs.
• Current and voltage instantaneous signal monitoring.
• Enhanced event detection: sag, over voltage, phase loss, over current, reverse V/I
phase sequence, calculated neutral line current INC over-current and frequency
upper and lower threshold.
Other Features
• 3.3V single power supply. Operating voltage range: 2.8V~3.6V. Metering accuracy
guaranteed within 3.0V~3.6V.
• Four-wire SPI interface.
• Programmable voltage sag detection and zero-crossing output.
• Crystal oscillator frequency: 16.384MHz. On-chip two capacitors and no need of
external capacitors.
• Lower power consumption. I=13mA (typ.) in Normal mode.
• TQFP48 package.
• Operating temperature: -40 ℃ ~ +85 ℃ .
Atmel M90E32AS
Enhanced Poly-Phase High-Performance Wide-Span
Energy Metering IC
DATASHEET


Similar Part No. - ATM90E32AS-AU-R

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
ATM9-C8-4 XFMRS-ATM9-C8-4 Datasheet
92Kb / 2P
EIGHT PORT COMBO
ATM9C14M XFMRS-ATM9C14M Datasheet
71Kb / 2P
SINGLE PORT COMBO
ATM9MC44 XFMRS-ATM9MC44 Datasheet
118Kb / 2P
QUAD PORT COMBO
ATM9MC44 XFMRS-ATM9MC44 Datasheet
118Kb / 2P
QUAD PORT COMBO
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
CABLE
More results

Similar Description - ATM90E32AS-AU-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
logo
Integrated Device Techn...
90E21 IDT-90E21 Datasheet
793Kb / 57P
Single-Phase High-Performance Wide-Span Energy Metering IC
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
ATMEL Corporation
M90E25 ATMEL-M90E25_14 Datasheet
546Kb / 57P
Single-Phase High-Performance Wide-Span Energy
M90E32AS ATMEL-M90E32AS_14 Datasheet
1Mb / 84P
Enhanced Poly-Phase High-Performance Wide-Span
M90E36A ATMEL-M90E36A_14 Datasheet
996Kb / 87P
Enhanced Poly-Phase High-Performance Wide-Span
logo
Analog Devices
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
ATMEL Corporation
M90E36A ATMEL-M90E36A Datasheet
998Kb / 87P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com