Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 78Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 79Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 80Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 81Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 82Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 83Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 84Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
80
6.7
ABSOLUTE MAXIMUM RATING
Parameter
Maximum Limit
Relative Voltage Between AVDD and AGND
-0.3V~4.5V
Relative Voltage Between DVDD and DGND
-0.3V~4.5V
Analog Input Voltage
(I1P, I1N, I2P, I2N, I3P, I3N, V1P, V1N, V2P, V2N, V3P, V3N)
-0.6V~AVDD
Digital Input Voltage
-0.3V~DVDD
-0.3V~5.5V, for 5V tolerance pins
Operating Temperature Range
-50~120 °C
Maximum Junction Temperature
150 °C
Package Type
Thermal Resistance
θJA
Unit
Condition
TQFP48
58.5
°C/W
No Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com