Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 40Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 41Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 42Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 43Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 44Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 45Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 46Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 47Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
44
SagPeakDetCfg
Sag and Peak Detector Period Configuration
OVth
Over Voltage Threshold
Address: 05H
Type: Read/Write
Default Value: 143FH
Bit
Name
Description
15:8
PeakDet_peri
od
Period in which the peak detector detects the U/I peak. Unit is ms.
7:0
Sag_Period
Period in which the phase voltage needs to stay below the SagTh before to assert the Sag status. Unit is
ms.
The Phase Loss detector also uses this parameter in detecting Phase Loss.
Address: 06H
Type: Read/Write
Default Value: C000H
Bit
Name
Description
15:0
OVth
Over Voltage threshold.
0xFFFF maps to ADC output full-scale peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com