Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
61
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
EMMState1
EMM State 1
Address: 72H
Type: Read
Default Value: 0000H
Bit
Name
Description
15
FreqHiST
This bit indicates whether frequency is greater than the high threshold
14
SagPhase-
AST
This bit indicates whether there is voltage sag on phase A
13
Sag-
PhaseBST
This bit indicates whether there is voltage sag on phase B
12
SagPha-
seCST
This bit indicates whether there is voltage sag on phase C
11
FreqLoST
This bit indicates whether frequency is lesser than the low threshold
10
PhaseLos-
sAST
This bit indicates whether there is a phase loss in Phase A
9
PhaseLoss-
BST
This bit indicates whether there is a phase loss in Phase B
8
PhaseLoss-
CST
This bit indicates whether there is a phase loss in Phase C
7
QERegTPST
ReActive (Q) Energy (E) Register (Reg) of all channel total sum (T) Positive (P) Status (ST):
0: Positive,
1: Negative
6
QERegAPST ReActive (Q) Energy (E) Register (Reg) of Channel (A/B/C) Positive (P) Status (ST):
0: Positive,
1: Negative
5
QERegBPST
4
QERegCPST
3
PERegTPST
Active (P) Energy (E) Register (Reg) of all channel total sum (T) Positive (P) Status (ST)
0: Positive,
1: Negative
2
PERegAPST Active (P) Energy (E) Register (Reg) of Channel (A/B/C) Positive (P) Status (ST)
0: Positive,
1: Negative
1
PERegBPST
0
PERegCPST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com